công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MB85RS2MLY bảng dữ liệu(PDF) 9 Page - RAMXEED LIMITED

tên linh kiện MB85RS2MLY
Giải thích chi tiết về linh kiện  2M (256 K X 8) Bit SPI
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RAMXEED [RAMXEED LIMITED]
Trang chủ  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED

MB85RS2MLY bảng dữ liệu(HTML) 9 Page - RAMXEED LIMITED

Back Button MB85RS2MLY Datasheet HTML 5Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 6Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 7Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 8Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 9Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 10Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 11Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 12Page - RAMXEED LIMITED MB85RS2MLY Datasheet HTML 13Page - RAMXEED LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
MB85RS2MLY(AEC-Q100 Compliant)
DS501-00062-3v1-E
9
READ
The READ command reads FeRAM memory cell array data. Arbitrary 24 bits address and op-code of READ
are input to SI. The 6-bit upper address bit is invalid. Then, 8-cycle clock is input to SCK. SO is output
synchronously to the falling edge of SCK. While reading, the SI value is invalid. When CS is risen, the READ
command is completed, but keeps on reading with automatic address increment which is enabled by con-
tinuously sending clocks to SCK in unit of 8 cycles before CS rising. When it reaches the most significant
address, it rolls over to the starting address, and reading cycle keeps on infinitely.
WRITE
The WRITE command writes data to FeRAM memory cell array. WRITE op-code, arbitrary 24 bits of address
and 8 bits of writing data are input to SI. The 6-bit upper address bit is invalid. When 8 bits of writing data is
input, data is written to FeRAM memory cell array. Risen CS will terminate the WRITE command, but if you
continue sending the writing data for 8 bits each before CS rising, it is possible to continue writing with
automatic address increment. When it reaches the most significant address, it rolls over to the starting
address, and writing cycle can be continued infinitely.
FSTRD
The FSTRD command reads FeRAM memory cell array data. Arbitrary 24 bits address and op-code of
FSTRD are input to SI followed by 8 bits dummy. The 6-bit upper address bit is invalid. Then, 8-cycle clock
is input to SCK. SO is output synchronously to the falling edge of SCK. While reading, the SI value is invalid.
When CS is risen, the FSTRD command is completed, but keeps on reading with automatic address incre-
ment which is enabled by continuously sending clocks to SCK in unit of 8 cycles before CS rising. When it
reaches the most significant address, it rolls over to the starting address, and reading cycle keeps on infinitely.
CS
SCK
SI
Invalid
MSB
LSB
MSB
Data Out
LSB
High-Z
Invalid
45
0123
26 27
6 7 8 9 10 11 12 13 14 15
38 39
28 29 30 31 32 33 34 35 36 37
00000011 X
32
XXXXX 17 16
54
SO
76
3
10
54
210
24-bit Address
OP-CODE
CS
SCK
Data In
SI
MSB
24-bit Address
OP-CODE
LSB MSB
LSB
High-Z
10 11
0123456789
14 15
26
31 32
12 13
27 28 29 30
33 34 35 36 37 38 39
0000001
3
0 XXXXX
2 1 0
SO
X17 16
5 4
3 2 1 0
7654
CS
SCK
SI
Invalid
MSB
LSB
MSB
Data Out
LSB
High-Z
Invalid
45
0123
29 30
6 7 8 9 10 11 12 13 1415
46 47
31 32
38 39 40 41 42 43 44 45
00001011 X
6
16
210 X
XX
SO
7
XXXXX 17
0
543
33
X
21
24-bit Address
8-bit Dummy
OP-CODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com