công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STAMP0TR bảng dữ liệu(PDF) 45 Page - STMicroelectronics

tên linh kiện STAMP0TR
Giải thích chi tiết về linh kiện  Microphone array processor with TDM output and recombination for wide dynamic range microphones
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAMP0TR bảng dữ liệu(HTML) 45 Page - STMicroelectronics

Back Button STAMP0TR Datasheet HTML 41Page - STMicroelectronics STAMP0TR Datasheet HTML 42Page - STMicroelectronics STAMP0TR Datasheet HTML 43Page - STMicroelectronics STAMP0TR Datasheet HTML 44Page - STMicroelectronics STAMP0TR Datasheet HTML 45Page - STMicroelectronics STAMP0TR Datasheet HTML 46Page - STMicroelectronics STAMP0TR Datasheet HTML 47Page - STMicroelectronics STAMP0TR Datasheet HTML 48Page - STMicroelectronics STAMP0TR Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 62 page
background image
STAMP0
I²C registers
DocID028639 Rev 1
45/62
Bit
R/W
RST
Name
Description
7
R/W
0
STUCK1_PDM8
0: PDM8 is not stuck at 1
1: PDM8 is stuck at 1
6
R/W
0
STUCK0_PDM8
0: PDM8 is not stuck at 0
1: PDM8 is stuck at 0
5
R/W
0
STUCK1_PDM7
0: PDM7 is not stuck at 1
1: PDM7 is stuck at 1
4
R/W
0
STUCK0_PDM7
0: PDM7 is not stuck at 0
1: PDM7 is stuck at 0
3
R/W
0
STUCK1_PDM6
0: PDM6 is not stuck at 1
1: PDM6 is stuck at 1
2
R/W
0
STUCK0_PDM6
0: PDM6 is not stuck at 0
1: PDM6 is stuck at 0
1
R/W
0
STUCK1_PDM5
0: PDM5 is not stuck at 1
1: PDM5 is stuck at 1
0
R/W
0
STUCK0_PDM5
0: PDM5 is not stuck at 0
1: PDM5 is stuck at 0
5.2.39
Interrupt 3 configuration register (reg. 0x26)
B7
B6
B5
B4
B3
B2
B1
B0
STUCK1_
PDM4
STUCK0_
PDM4
STUCK1_
PDM3
STUCK0_
PDM3
STUCK1_
PDM2
STUCK0_
PDM2
STUCK1_
PDM1
STUCK0_
PDM1
0
0
0
0
0
0
0
0
Bit
R/W
RST
Name
Description
7
R/W
0
STUCK1_PDM4
0: PDM4 is not stuck at 1
1: PDM4 is stuck at 1
6
R/W
0
STUCK0_PDM4
0: PDM4 is not stuck at 0
1: PDM4 is stuck at 0
5
R/W
0
STUCK1_PDM3
0: PDM3 is not stuck at 1
1: PDM3 is stuck at 1
4
R/W
0
STUCK0_PDM3
0: PDM3 is not stuck at 0
1: PDM3 is stuck at 0
3
R/W
0
STUCK1_PDM2
0: PDM2 is not stuck at 1
1: PDM2 is stuck at 1
2
R/W
0
STUCK0_PDM2
0: PDM2 is not stuck at 0
1: PDM2 is stuck at 0
1
R/W
0
STUCK1_PDM1
0: PDM1 is not stuck at 1
1: PDM1 is stuck at 1
0
R/W
0
STUCK0_PDM1
0: PDM1 is not stuck at 0
1: PDM1 is stuck at 0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62