công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STA382BWSTR bảng dữ liệu(PDF) 85 Page - STMicroelectronics

tên linh kiện STA382BWSTR
Giải thích chi tiết về linh kiện  Sound Terminal 2.1-channel high-efficiency digital audio system
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA382BWSTR bảng dữ liệu(HTML) 85 Page - STMicroelectronics

Back Button STA382BWSTR Datasheet HTML 81Page - STMicroelectronics STA382BWSTR Datasheet HTML 82Page - STMicroelectronics STA382BWSTR Datasheet HTML 83Page - STMicroelectronics STA382BWSTR Datasheet HTML 84Page - STMicroelectronics STA382BWSTR Datasheet HTML 85Page - STMicroelectronics STA382BWSTR Datasheet HTML 86Page - STMicroelectronics STA382BWSTR Datasheet HTML 87Page - STMicroelectronics STA382BWSTR Datasheet HTML 88Page - STMicroelectronics STA382BWSTR Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 172 page
background image
STA382BWS
Register description: New Map
Doc ID 022784 Rev 1
85/172
default, all post-scale factors are set to 0x7FFFFF. When line output is being used,
channel-3 post-scale will affect both channels 3 and 4.
Table 74.
RAM block for biquads, mixing, scaling and bass management
Index (decimal) Index (hex)
Description
Coefficient
Default
0
0x00
Channel 1 - Biquad 1
C1H10(b1/2)
0x000000
1
0x01
C1H11(b2)
0x000000
2
0x02
C1H12(a1/2)
0x000000
3
0x03
C1H13(a2)
0x000000
4
0x04
C1H14(b0/2)
0x100000
5
0x05
Channel 1 - Biquad 2
C1H20
0x000000
……
…
…
…
19
0x13
Channel 1 - Biquad 4
C1H44
0x100000
20
0x14
Channel 2 - Biquad 1
C2H10
0x000000
21
0x15
C2H11
0x000000
……
…
…
…
39
0x27
Channel 2 - Biquad 4
C2H44
0x100000
40
0x28
Channel 1/2 - Biquad 5
for XO = 000
High-pass 2nd order filter
for XO
≠000
C12H0(b1/2)
0x000000
41
0x29
C12H1(b2)
0x000000
42
0x2A
C12H2(a1/2)
0x000000
43
0x2B
C12H3(a2)
0x000000
44
0x2C
C12H4(b0/2)
0x400000
45
0x2D
Channel 3 - Biquad
for XO = 000
Low-pass 2nd order filter
for XO
≠000
C3H0(b1/2)
0x000000
46
0x2E
C3H1(b2)
0x000000
47
0x2F
C3H2(a1/2)
0x000000
48
0x30
C3H3(a2)
0x000000
49
0x31
C3H4(b0/2)
0x400000
50
0x32
Channel 1 - Pre-Scale
C1PreS
0x7FFFFF
51
0x33
Channel 2 - Pre-Scale
C2PreS
0x7FFFFF
52
0x34
Channel 1 - Post-Scale
C1PstS
0x7FFFFF
53
0x35
Channel 2 - Post-Scale
C2PstS
0x7FFFFF
54
0x36
Channel 3 - Post-Scale
C3PstS
0x7FFFFF
55
0x37
Reserved
reserved
0x5A9DF7
56
0x38
Channel 1 - Mix 1
C1MX1
0x7FFFFF
57
0x39
Channel 1 - Mix 2
C1MX2
0x000000
58
0x3A
Channel 2 - Mix 1
C2MX1
0x000000
59
0x3B
Channel 2 - Mix 2
C2MX2
0x7FFFFF
60
0x3C
Channel 3 - Mix 1
C3MX1
0x400000
61
0x3D
Channel 3 - Mix 2
C3MX2
0x400000
62
0x3E
UNUSED
63
0x3F
UNUSED
Obsolete
Product(s)
- Obsolete
Product(s)