| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TS419IST bảng dữ liệu(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS419IST bảng dữ liệu(HTML) 2 Page - STMicroelectronics |
|
2 / 42 page ![]() 1 Maximum ratings Table 1. Absolute maximum ratings Symbol Parameter Value Unit VCC Supply voltage (1) 6 V Vi Input voltage -0.3 V to VCC +0.3 V V Tstg Storage temperature -65 to +150 °C Tj Maximum junction temperature 150 °C Rthja Thermal resistance junction-to-ambient MiniSO8 DFN8 215 70 °C/W Pd Power dissipation (2) MiniSO8 DFN8 0.58 1.79 W ESD Human body model (pin to pin): TS419 (3), TS421 1.5 kV ESD Machine Model - 220 pF - 240 pF (pin to pin) 100 V Latch-up Latch-up Immunity (All pins) 200 mA Lead temperature (soldering, 10 s) 250 °C Output short-circuit to VCC or GND continuous (4) 1. All voltage values are measured with respect to the ground pin. 2. Pd has been calculated with Tamb = 25 °C, Tj = 150 °C. 3. TS419 stands 1.5 KV on all pins except standby pin which stands 1 KV 4. Attention must be paid to continous power dissipation (VDD x 300 mA). Exposure of the IC to a short circuit for an extended time period is dramatically reducing product life expectancy. TS419, TS421 Maximum ratings DS3048 - Rev 7 page 2/42 |