công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS5294IPFPT bảng dữ liệu(PDF) 67 Page - Texas Instruments

tên linh kiện ADS5294IPFPT
Giải thích chi tiết về linh kiện  ADS5294 Octal-Channel 14-Bit 80-MSPS High-SNR and Low-Power ADC
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5294IPFPT bảng dữ liệu(HTML) 67 Page - Texas Instruments

Back Button ADS5294IPFPT Datasheet HTML 63Page - Texas Instruments ADS5294IPFPT Datasheet HTML 64Page - Texas Instruments ADS5294IPFPT Datasheet HTML 65Page - Texas Instruments ADS5294IPFPT Datasheet HTML 66Page - Texas Instruments ADS5294IPFPT Datasheet HTML 67Page - Texas Instruments ADS5294IPFPT Datasheet HTML 68Page - Texas Instruments ADS5294IPFPT Datasheet HTML 69Page - Texas Instruments ADS5294IPFPT Datasheet HTML 70Page - Texas Instruments ADS5294IPFPT Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 82 page
background image
CLKP
CLKM
Differential sine-
wave clock input
CLKP
CLKM
Differential
LVPECL
clock input
DIFFERENTIAL CLOCK CONNECTIONS
Rterm
CLKP
CLKM
Differential
LVDS
clock input
ADS529x
0.1 F
m
0.1 F
m
ADS529x
0.1 F
m
0.1 F
m
Rterm
ADS529x
Rterm
0.1 F
m
0.1 F
m
SINGLE-ENDED CLOCK CONNECTIONS
CLKP
CLKM
VCM
ADS529x
CMOS
CLOCK IN
67
ADS5294
www.ti.com
SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018
Product Folder Links: ADS5294
Submit Documentation Feedback
Copyright © 2011–2018, Texas Instruments Incorporated
Typical Application (continued)
The ADS5294 clock input can be driven by either a differential clocks (sine wave, LVPECL, or LVDS) or a
singled clock(LVCMOS). In the single-ended case, TI recommends that the use of low jitter square signals
(LVCMOS levels, 1.8-V amplitude). See TI document SLYT075 for further details on the theory.
The jitter cleaner CDCM7005 SCAS793, CDCE72010 SLAS490, LMK04803 SNAS489 is suitable to generate the
ADC clock of the ADS5294 and ensure the performance for the14-bit ADC with >75-dBFS SNR. Please note that
the location of LVDS Rterm depends on the LVDS clock driver. Some clock devices require the Rterm at the left
side of AC coupling capacitors.
Figure 64. Single-Ended Clock Drive Circuit
Figure 65. Differential Clock Drive Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82