| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADS5294IPFPT bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5294IPFPT bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 82 page ![]() 37 ADS5294 www.ti.com SLAS776E – NOVEMBER 2011 – REVISED APRIL 2018 Product Folder Links: ADS5294 Submit Documentation Feedback Copyright © 2011–2018, Texas Instruments Incorporated Table 4. PLL Configuration When Decimation by 4 is Used ADC Fs FUNCTION REGISTER ADDRESS REGISTER DATA Fs ≤ 48 Disable PLL auto state switch and put PLL in state 1 0xD1 0x0040 36 ≤ Fs ≤ 80 Disable PLL auto state switch and put PLL in state 2 0xD1 0x00C0 Fs ≥ 72 Disable PLL auto state switch and put PLL in state 3 0xD1 0x0140 Table 5. PLL Configuration When Decimation by 8 is Used ADC Fs FUNCTION REGISTER ADDRESS REGISTER DATA Fs ≤ 80 Disable PLL auto state switch and put PLL in state 1 0xD1 0x0040 72 ≤ Fs ≤ 80 Disable PLL auto state switch and put PLL in state 2 0xD1 0x00C0 9.4 Device Functional Modes ADC Output Resolution and LVDS Serialization Rate Modes: The LVDS serialization rate can be programmed as 10, 12, 14, or 16 bits by the EN_BIT_SER register bit. Output Data Rate Modes: The density of output data payload can be set to 1X or 2X mode by using the EN_SDR register bit. The maximum data rate (in bits per sec) of the LVDS interface is limited. In addtion, the LVDS data can be distributed by one pair LVDS data lane or two pairs of LVDS data lanes. Please see the description of Registers 0x50 to 0x55 in the Programmable Mapping Between Input Channels and Output Pins section. When the decimation feature is used, the LVDS output rate can be reduced to 1/2, 1/4, and 1/8 of ADC sampling rate as Output Data Rate Control shows. The flexible output data rate modes give users a wide selection of different speed FPGAs. Power Modes: The device can be configured via SPI or pin settings to a complete power-down mode and via pin settings to a partial power-down (standby mode). During these two modes (complete and partial power-down), different internal functions stay powered up, resulting in different power consumption and wake-up times. In the partial power-down mode, all LVDS data lanes are powered down. The bit clock and frame clock lanes remain enabled to save time to sync again on the receiver side. However, in the complete power-down mode all lanes are powered down and thus this mode requires more time to wake-up because the bit clock and frame clock lanes must sync again with the receiver device. LVDS Test Pattern Mode: The ADC data coming out of the LVDS outputs can be replaced by different kinds of test patterns. Note that the test patterns replace the data streaming out of the ADCs. The different test patterns are described in LVDS Test Patterns. 9.5 Programming 9.5.1 Serial Interface ADS5294 has a set of internal registers that can be accessed by the serial interface formed by pins CSZ (Serial interface Enable – Active Low), SCLK (Serial Interface Clock), and SDATA (Serial Interface Data). When CSZ is low, • Serial shift of bits into the device is enabled • Serial data (SDATA) is latched at every rising edge of SCLK • SDATA is loaded into the register at every 24th SCLK rising edge. If the word length exceeds a multiple of 24 bits, the excess bits are ignored. Data can be loaded in multiples of 24-bit words within a single active CSZ pulse. The first eight bits form the register address and the remaining 16 bits form the register data. The interface works with SCLK frequencies from 15 MHz down to very low speeds (a few Hertz) and also with non-50% SCLK duty cycle. |