công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF42IRMP bảng dữ liệu(PDF) 39 Page - Texas Instruments

tên linh kiện ADC32RF42IRMP
Giải thích chi tiết về linh kiện  ADC32RF42 Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF42IRMP bảng dữ liệu(HTML) 39 Page - Texas Instruments

Back Button ADC32RF42IRMP Datasheet HTML 35Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 36Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 37Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 38Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 39Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 40Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 41Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 42Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
THHH
THHL
BLKPKDET
Crossing Detector Time Period
Crossing Detector Counter
Crossing Detector Counter Threshold
IIR PK DET
Combine
BLKPKDETH
BLKPKDETL
BLKPKDETHL
2-Bit Mode
FILT0LP
SEL
Time
Constant
>FIL0THH
>FIL0THL
1 or 2-Bit
Mode
Time
Constant
>FIL1THH
>FIL1THL
1 or 2-Bit
Mode
IIR PK DET0
IIR PK DET1
2-Bit Mode
10: High
00: Mid
01: Low
1-Bit Mode
With Hysteresis and Dwell
1: High
0: Low
Peak Over
8 Samples
fS
ADC
Output
Block:
Peak Over N
Samples (S`)
S`
fS/8
fS/(8N)
BLKPKDET
N = [1..2
16]
>THHigh
>THLow
Hysteresis
and DWELL
>TLHigh
>TLLow
Hysteresis
and DWELL
BLKTHHH,
BLKTHHL,
BLKTHLH,
BLKTHLL
DWELL
IIR LPF
IIR LPF
39
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3.8.2 Crossing Detector
In this detector mode the peak is computed over eight samples of the ADC output. Next, the peak for a block of
N samples (N × S`) is computed over a programmable block length and then the peak is compared against two
sets of programmable thresholds (with hysteresis). The crossing detector counts how many fS / 8 clock cycles
that the block detector outputs are set high over a programmable time period and compares the counter value
against the programmable thresholds. Figure 72 and Figure 73 show how the alarm outputs are updated at the
end of the time period, routed to the GPIO pins, and held in that state through the next cycle. Alternatively, a 2-
bit format can be used but (because the ADC32RF42 has four GPIO pins available) this feature uses all four pins
for a single channel.
Figure 72. Crossing Detector Implementation
Figure 73. Crossing Detector Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com