công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF42IRMP bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện ADC32RF42IRMP
Giải thích chi tiết về linh kiện  ADC32RF42 Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF42IRMP bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button ADC32RF42IRMP Datasheet HTML 17Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 18Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 19Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 20Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 21Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 22Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 23Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 24Page - Texas Instruments ADC32RF42IRMP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 128 page
background image
VCM
INxP
INxM
RDC / 2
RDC / 2
ADC32RFxx
IDIFF
To Analog Buffer
To Analog Buffer
Clamp
Circuit
Copyright © 2017, Texas Instruments Incorporated
Input Vcm
INP
INM
+337.5 mV
±337.5 mV
+600 mV
±600 mV
675 mVPP for INP and INM
(1.35 VPP Differentially)
21
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Feature Description (continued)
9.3.1.1 Input Clamp Circuit
The ADC32RF42 analog inputs include an internal, differential clamp for overvoltage protection. As shown in
Figure 38 and Figure 39, the clamp triggers for any input signals at approximately 600 mV above the input
common-mode voltage, effectively limiting the maximum input signal to approximately 2.4 VPP.
When the clamp circuit conducts, the maximum differential current flowing through the circuit (via input pins)
must be limited to 20 mA.
Figure 38. Clamp Circuit in the ADC32RF42
Figure 39. Clamp Response Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com