| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE1601TBR bảng dữ liệu(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1601TBR bảng dữ liệu(HTML) 16 Page - STMicroelectronics |
|
16 / 58 page ![]() System controller STMPE1601 16/58 7 System controller The system controller is the heart of the STMPE1601. It contains the registers for power control, and the registers for chip identification. The system registers are: CHIP_ID Chip identification register VERSION_ID Version identification register Table 15. System registers Address Register_Name 0x80 CHIP_ID 0x81 VERSION_ID 0x02 SYS_CTRL 0x03 SYS_CTRL_2 765 432 10 8-bit MSB of CHIP_ID R RRR RRR R 000 000 10 765 432 10 8-bit VERSION_ID R RRR RRR R 000 100 00 |