| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STMPE1601TBR bảng dữ liệu(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE1601TBR bảng dữ liệu(HTML) 11 Page - STMicroelectronics |
|
11 / 58 page ![]() STMPE1601 Register map 11/58 5 Register map All the registers have the size of 8-bit. For each of the module, their registers are residing within the given address range. Table 11. Register map summary table Address Module register Description Auto-increment (during read/write) 0x00 – 0x07 0x80 – 0x81 Clock and power manager module Clock and power manager register range Yes 0x10 – 0x1F Interrupt controller module Interrupt controller register range Yes 0x30 – 0x37 PWM controller module PWM controller register range Yes 0x38 – 0x3F PWM controller module PWM controller register range No 0x60 – 0x6F Keypad controller module Keypad controller register range Yes 0x70 – 0x77 Rotator controller module Rotator controller register range Yes 0x82 – 0xBF GPIO controller module GPIO controller register range Yes |