| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M28840/18CE1D3 bảng dữ liệu(PDF) 7 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/18CE1D3 bảng dữ liệu(HTML) 7 Page - Amphenol PCD, Inc |
|
7 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 * Dimensions in (inches) mm * Dimensions in (inches) mm 12 13 TABLE A DASH # Military Shell Size Shell Size A Thread Class 2B B Ø Max. C Ø Max. D Ø Min. Cable Enrty Max. Min. 01 A 11 .750-20 UNEF (1.028) 26.11 (1.156) 29.36 (.750) 19.05 (.312) 7.92 (.188) 4.77 02 B 13 .875-20 UNEF (1.141) 28.98 (1.156) 29.36 (.750) 19.05 (.312) 7.92 (.188) 4.77 03 B 13 .875-20 UNEF (1.141) 28.98 (1.156) 29.36 (.750) 19.05 (.438) 11.12 (.281) 7.14 04 C 15 1.000-20 UNEF (1.263) 32.08 (1.281) 32.54 (.875) 22.23 (.312) 7.92 (.188) 4.77 05 C 15 1.000-20 UNEF (1.263) 32.08 (1.281) 32.54 (.875) 22.23 (.438) 11.12 (.281) 7.14 06 C 15 1.000-20 UNEF (1.263) 32.08 (1.281) 32.54 (.875) 22.23 (.562) 14.27 (.344) 8.74 07 C 15 1.000-20 UNEF (1.263) 32.08 (1.406) 35.71 (1.000) 25.40 (.750) 19.05 (.438) 11.12 08 D 17 1.125-18 UNEF (1.387) 35.23 (1.406) 35.71 (1.000) 25.40 (.625) 15.87 (.375) 9.52 09 D 17 1.125-18 UNEF (1.387) 35.23 (1.406) 35.71 (1.000) 25.40 (.750) 19.05 (.438) 11.12 10 D 17 1.125-18 UNEF (1.387) 35.23 (1.531) 38.89 (1.125) 28.58 (.938) 23.82 (.625) 15.87 11 E 19 1.250-18 UNEF (1.513) 38.43 (1.531) 38.89 (1.125) 28.58 (.625) 15.87 (.375) 9.52 12 E 19 1.250-18 UNEF (1.513) 38.43 (1.531) 38.89 (1.125) 28.58 (.938) 23.82 (.625) 15.87 13 E 19 1.438-18 UNEF (1.703) 45.51 (1.656) 42.06 (1.250) 31.75 (.750) 19.05 (.438) 11.12 14 F 23 1.438-18 UNEF (1.703) 45.51 (1.656) 42.06 (1.250) 31.75 (.938) 23.82 (.625) 15.87 15 F 23 1.438-18 UNEF (1.703) 45.51 (1.781) 45.24 (1.375) 34.93 (1.188) 30.17 (.812) 20.62 16 F 23 1.562-18 UNEF (1.825) 46.35 (1.781) 45.24 (1.375) 34.93 (.938) 23.82 (.625) 15.87 17 G 25 1.562-18 UNEF (1.825) 46.35 (1.781) 45.24 (1.375) 34.93 (1.188) 30.17 (.812) 20.62 18 G 25 1.562-18 UNEF (1.825) 46.35 (1.781) 45.24 (1.375) 34.93 (1.250) 31.75 (.875) 22.23 19 G 25 1.562-18 UNEF (1.825) 46.35 (2.156) 54.76 (1.750) 44.45 (1.380) 35.05 (1.000) 25.4 20 G 25 1.875-16 UNS (2.143) 54.43 (2.156) 54.76 (1.750) 44.45 (1.188) 30.17 (.812) 20.62 21 H 29 1.875-16 UNS (2.143) 54.43 (2.156) 54.76 (1.750 44.45 (1.380) 38.05 (1.000) 25.4 22 H 29 2.062-16 UNS (2.329) 59.16 (2.281) 57.94 (1.875) 47.63 (1.380) 38.05 (1.000) 25.4 23 J 33 2.062-16 UNS 2.329) 59.16 (2.281) 57.94 (1.875) 47.63 (1.625) 41.28 (1.250) 31.75 24 J 33 .750-20 UNEF (1.028) 26.11 (1.156) 29.36 (.750) 19.05 (.438) 11.12 (.281) 7.14 25 A 11 .750-20 UNEF (1.028) 26.11 (1.281) 32.54 (.875) 22.22 (.562) 14.27 (.344) 8.74 26 B 13 .875-30 UNEF (1.141) 28.98 (1.281) 32.54 (.875) 22.22 (.562) 14.27 (.344) 8.74 27 B 13 .875-30 UNEF (1.141) 28.98 (1.406) 35.71 (1.000) 25.4 (.625) 15.87 (.375) 9.52 28 C 15 1.000-20 UNEF (1.263) 32.08 (1.406) 35.71 (1.000 )25.4 (.625) 15.87 (.375) 9.52 M28840/6 EMI/RFI ENVIRONMENTAL BACKSHELL M28840/6 16 W A DESIGNATION DASH # MATERIAL & FINISH BACKSHELL STYLE QPL: M28840/6 Commercial: IN28840/6 See Table A W: Aluminum, Cadmium Plate, O.D. over Electroless Nickel S: Aluminum -Zinc Nickel, Non-Reflective L: Aluminum-Tin-Zinc, Non-Reflective (Commercial only) A: EMI, Non-Environmental B: EMI, Environmental TABLE A DASH # Military Shell Size Shell Size L Working Room Ref. V Thread Class 2 X Ø Max. Y Ref. 01 A 11 (3.62) 91.55 (2.00) 50.80 .625-24 UNEF (1.281) 32.53 (.938) 23.82 02 B 13 (3.62) 91.55 (2.00) 50.80 .625-24 UNEF (1.281) 32.53 (.938) 23.82 03 B 13 (3.62) 91.55 (2.00) 50.80 .750-20 UNEF (1.281) 32.53 (1.125) 23.82 04 C 15 (3.62) 91.55 (2.00) 50.80 .625-24 UNEF (1.281) 32.53 (.938) 23.82 05 C 15 (3.62 91.55 (2.00) 50.80 .750-20 UNEF (1.281) 32.53 (1.125) 28.57 06 C 15 (3.62) 91.55 (2.00) 50.80 .875-20 UNEF (1.281) 32.53 (1.312) 33.32 07 C 15 (4.12) 104.65 (2.50) 63.50 1.188-18 UNEF (1.312) 33.32 (1.593) 40.62 08 D 17 (4.12) 104.65 (2.50) 63.50 1.000-20 UNEF (1.281) 32.54 (1.312) 33.32 09 D 17 (4.12) 104.65 (2.50) 63.50 1.188-19 UNEF (1.312) 33.32 (1.593) 40.62 10 D 17 (4.12) 104.65 (2.50) 63.50 1.438-18 UNEF (1.406) 35.71 (1.750) 44.45 11 E 19 (4.12) 104.65 (2.50) 63.50 1.000-20 UNEF (1.281) 32.54 (1.312) 33.32 12 E 19 (4.12) 104.65 (2.50) 63.50 1.438-18 UNEF (1.406) 35.71 (1.750) 44.45 13 E 19 (4.62) 117.35 (3.00) 76.20 1.188-18 UNEF (1.312) 33.32 (1.593) 40.62 14 F 23 (4.62) 117.35 (3.00) 76.20 1.438-18 UNEF (1.406) 35.71 (1.750) 44.45 15 F 23 (4.62) 117.35 (3.00) 76.20 1.750-18 UNS (1.593) 40.46 (2.093) 53.16 16 F 23 (4.62) 117.35 (3.00) 76.20 1.438-18 UNEF (1.406) 35.71 (1.750) 44.45 17 G 25 (5.12) 130.05 (3.50) 88.90 1.750-18 UNS (1.593) 40.46 (2.093) 53.16 18 G 25 (5.12) 130.05 (3.50) 88.90 1.750-18 UNS (1.593) 40.46 (2.093) 53.16 19 G 25 (5.12) 130.05 (3.50) 88.90 2.000-18 UNS (1.625) 41.28 (2.343) 59.51 20 G 25 (5.12) 130.05 (3.50) 88.90 1.750-18 UNS (1.593) 40.46 (2.093) 53.16 21 H 29 (5.12) 130.05 (3.50) 88.90 2.000-18 UNS (1.625) 41.28 (2.343) 59.51 22 H 29 (5.12) 130.05 (3.50) 88.90 2.000-18 UNS (1.625) 41.28 (2.343) 59.51 23 J 33 (5.12) 130.05 (3.50) 88.90 2.250-16 UNS (1.900) 48.26 (2.750) 69.85 24 J 33 (3.62) 91.95 (2.00) 50.80 .750-20 UNEF (1.281) 32.54 (1.125) 28.57 25 A 11 (3.62) 91.95 (2.00) 50.80 .875-20 UNEF (1.281) 32.54 (1.312) 33.32 26 B 13 (3.62) 91.95 (2.00) 50.80 .875-20 UNEF (1.281) 32.54 (1.312) 33.32 27 B 13 (4.12) 104.65 (2.50) 63.50 1.000-20 UNEF (1.281) 32.54 (1.312) 33.32 28 C 15 (4.12) 104.65 (2.50) 63.50 1.000-20 UNEF (1.281) 32.54 (1.312) 33.32 M28840/6 EMI/RFI ENVIRONMENTAL BACKSHELL |