| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M28840/18CE1D3 bảng dữ liệu(PDF) 2 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
M28840/18CE1D3 bảng dữ liệu(HTML) 2 Page - Amphenol PCD, Inc |
|
2 / 25 page ![]() amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 amphenolpcd.com | M28840@amphenolpcd.com | (978) 624-3400 2 3 TABLE OF CONTENTS Content Military Slash Commercial Reference Pg. Performance Specification - - 5 Insert Arrangement - - 6 Straight Strain-Relief Backshell M28840/1 IN8840/1 7 90° Strain-Relief Backshell M28840/2 IN8840/2 8 45° - Strain Relief Backshell M28840/3 IN8840/3 9 Back Shell For Metal Core Conduit M28840/5 IN8840/5 10 EMI/RFI Environmental Backshell M28840/6 IN8840/6 12 Dummy Storage Receptacle M28840/7 IN8840/7 14 90° EMI/RFI Environmental Backshell M28840/8 IN8840/8 15 45° EMI/RFI Environmental Backshell M28840/9 IN8840/9 17 Wall Mount Receptacle Connector M28840/10 IN8840/10 19 In Line Receptacle Connector M28840/11 IN8840/11 20 Box Mount Receptacle Connector M28840/12 IN8840/12 21 Protective Receptacle Cover M28840/13 IN8840/13 22 Jam Nut Receptacle Connector M28840/14 IN8840/14 23 Protective Plug Cover M28840/15 IN8840/15 24 Plug Connector M28840/16 IN8840/16 25 Plug Connector With Straight Strain Relief Backshell M28840/17 IN8840/17 26 Plug Connector With 90° Strain Relief Backshell M28840/18 IN8840/18 27 Plug Connector With 45° Strain Relief Backshell M28840/19 IN8840/19 28 Receptacle Connector With Straight EMI/RFI Backshell M28840/20 IN8840/20 29 Receptacle Connector With Straight EMI/RFI Backshell M28840/21 IN8840/21 30 Metal Conduit Bushing M28840/22 IN8840/22 31 E Nut M28840/23 IN8840/23 32 Mounting Gasket Metal M28840/24 IN8840/24 33 90° EMI Conduit Adaptor M28840/25 IN8840/25 34 Plug Connector With Straight EMI/RFI Backshell M28840/26 IN8840/26 36 45° EMI Conduit Adaptor M28840/27 IN8840/27 37 90° Adaptor Assembly Plug M28840/28 IN8840/28 39 Plug Connector With 45° EMI/RFI Backshell M28840/29 IN8840/29 40 Metal Conduit Coupler Style A & B M28840/30 IN8840/30 41 Standard Duty Electrical Pin Contact M39029/83 IN8840/83 42 Standard Duty Electrical Socket Contact M39029/84 IN8840/84 43 Polarization Keyways And Panel Cut Out - - 44 Contact Insertion / Extraction Instructions - - 45 Contact Crimping, Insertion, Removal Tools - - 47 |