công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AP47 bảng dữ liệu(PDF) 4 Page - Juniper Networks, Inc.

tên linh kiện AP47
Giải thích chi tiết về linh kiện  AP47 ACCESS POINT DATASHEET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JUNIPER [Juniper Networks, Inc.]
Trang chủ  https://www.juniper.net/us/en.html
Logo JUNIPER - Juniper Networks, Inc.

AP47 bảng dữ liệu(HTML) 4 Page - Juniper Networks, Inc.

  AP47 Datasheet HTML 1Page - Juniper Networks, Inc. AP47 Datasheet HTML 2Page - Juniper Networks, Inc. AP47 Datasheet HTML 3Page - Juniper Networks, Inc. AP47 Datasheet HTML 4Page - Juniper Networks, Inc. AP47 Datasheet HTML 5Page - Juniper Networks, Inc. AP47 Datasheet HTML 6Page - Juniper Networks, Inc. AP47 Datasheet HTML 7Page - Juniper Networks, Inc. AP47 Datasheet HTML 8Page - Juniper Networks, Inc. AP47 Datasheet HTML 9Page - Juniper Networks, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
opportunity to enable SP mode. The AP47E
‑WW will be able to
operate in LPI in many regulatory domains around the world.
Built
‑in GPS/GNNS receiver is utilized in support of AFC, as well as
other scenarios such as automatic geo
‑location and more.
Proactive Insight and Action
A dedicated, tri
‑band fourth radio collects data for Juniper Mist,
which uses machine learning to analyze user experiences, correlate
problems, and automatically detect their root causes. These metrics
are used to monitor SLEs and provide proactive recommendations
to ensure problems don’t occur (or are fixed as quickly as possible
when they do).
Improved IoT Battery Efficiency
By incorporating the 802.11ax target wake time (TWT) capability
and Bluetooth 6.0, AP47 access points help extend the battery life
of IoT devices, particularly as additional ones join the network.
Dynamic Debugging
Constantly monitor services running on the AP47 and send alerts
whenever a service behaves abnormally. Dynamic debugging
relieves IT of having to worry about an AP going offline or any
services running on it becoming unavailable.
Dynamic Packet Capture and Dynamic Spectrum Capture
The Juniper Mist platform automatically captures packets and radio
frequency spectrum and streams them to the cloud when major
issues are detected. AI
‑Native dynamic packet capture and dynamic
spectrum capture enables “network rewind” to identify and resolve
wireless interference issues more efficiently. Both features save IT
time and effort and eliminate the need for truck rolls with sniffers
to reproduce and capture data for troubleshooting.
Marvis Virtual Network Assistant
Marvis is a natural language processing (NLP)-based assistant with a
conversational interface who helps the understanding of user intent
and goals, simplifies troubleshooting, and collects network insights.
Marvis uses AI and data science to proactively identify issues,
determine the root causes and scope of impact, and gain insights
into your network and user experiences. Marvis eliminates the need
to manually hunt through endless dashboards and CLI commands.
Effortless, Cloud-Based Setup and Updates
The AP47 automatically connects to the Juniper Mist Cloud,
downloads its configuration, and joins the appropriate network.
Firmware updates are retrieved and installed automatically,
ensuring that the network is always up to date with new features,
bug fixes, and security updates.
Premium Analytics
Juniper Mist Wireless Assurance, User Engagement, and Asset
Visibility services include a base analytics capability for analyzing up
to 30 days of data, which enables you to simplify the process of
extracting network insights across your enterprise. If you require
dynamic insights like motion paths1 and other third
‑party1 data and
would like the option of customized reports, the Juniper Mist
Premium Analytics service is available as an additional subscription.
High-Accuracy Indoor Location
The AP47 has a patented vBLE antenna array controlled from the
Juniper Mist Cloud. Passive antennas enhance the power of a single
transmitter and produce directional beams (or can be combined to
act as an omnidirectional radio) to accurately detect distance and
location with 1
‑3‑meter accuracy. With Juniper’s patented vBLE
technology, you can deploy an unlimited number of virtual beacons
in your physical environment with no need to install
battery
‑powered physical BLE beacons. Support for Bluetooth 5.1
boosts IoT device range and battery life.
AP47 Access Point Datasheet
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com