| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0236 bảng dữ liệu(PDF) 4 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0236 bảng dữ liệu(HTML) 4 Page - DFROBOT |
|
4 / 4 page ![]() // will quickly become a bigger number than can be stored in an int. long interval = 1000; // interval at which to blink (milliseconds) void setup() { // set the digital pin as output: pinMode(ledPin, OUTPUT); } void loop() { // here is where you'd put code that needs to be running all the time. // check to see if it's time to blink the LED; that is, if the // difference between the current time and last time you blinked // the LED is bigger than the interval at which you want to // blink the LED. unsigned long currentMillis = millis(); if(currentMillis - previousMillis > interval) { // save the last time you blinked the LED previousMillis = currentMillis; // if the LED is off turn it on and vice-versa: if (ledState == LOW) ledState = HIGH; else ledState = LOW; // set the LED with the ledState of the variable: digitalWrite(ledPin, ledState); } } Powered By DFRobot © 2008-2017 |