| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFR0236 bảng dữ liệu(PDF) 3 Page - DFROBOT |
|
|
|||||||||||||||||||||||||||||
DFR0236 bảng dữ liệu(HTML) 3 Page - DFROBOT |
|
3 / 4 page ![]() Connection Diagram Fig1: cheapDuino Pin Out Note: When plugin the fpc programming cable to DFRobot FPC programmer and cheapDuino, please the blue side facing upward. Example Code Choose the right com port of your programmer in the Arduino IDE first. Choose "Arduino NG or older /w ATmega8" in the "Boards" option. Then just upload your arduino sketch to the cheapDuino. The "Blink" sketch will be used to drive the LED connected to the D13 pin onboard. const int ledPin = 13; // the number of the LED pin on the cheapDuino // Variables will change: int ledState = LOW; // ledState used to set the LED long previousMillis = 0; // will store last time LED was updated // the follow variables is a long because the time, measured in miliseconds, |