| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AMC0X11R bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AMC0X11R bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 32 page ![]() 8.2.2.1 Input Filter Design Place an RC filter in front of the device to improve signal-to-noise performance of the signal path. Input noise with a frequency close to the ΔΣ modulator sampling frequency (typically 10MHz) is folded back into the low-frequency range by the modulator. The purpose of the RC filter is to attenuate high-frequency noise below the desired noise level of the measurement. In practice, a cutoff frequency that is two orders of magnitude lower than the modulator frequency yields good results. Most voltage-sensing applications use high-impedance resistive dividers to scale down the input voltage. In this case, a single capacitor, as shown in Figure 8-2, is sufficient to filter the input signal. For (R1 + R2) >> RSNS, the cutoff frequency of the input filter is 1 / (2 × π × RSNS × C5). For example, RSNS = 10kΩ and C5 = 100pF results in a cutoff frequency of 160kHz. C5 RSNS R2 R1 VIN VDD1 GND1 INP SNSN Figure 8-2. Input Filter 8.2.2.2 Connecting the REFIN Pin The reference input has an internal, 90kΩ impedance connected to GND2. Consider this impedance when driving the REFIN pin from a high-impedance source. Connect a 100nF capacitor from REFIN to GND2 to filter out high-frequency noise at the reference input. Figure 8-3 shows different options for connecting the REFIN pin. VDD2 OUT REFIN GND2 90k 100nF Reference voltage RSOURCE VDD2 OUT REFIN GND2 100nF 90k R1 R2 VDD2 supply (3.3V or 5V) VDD2 OUT REFIN GND2 100nF 90k VDD2 supply (3.3V or 5V) Figure 8-3. Connecting the REFIN Pin In the first example, REFIN is shorted to VDD2. In the second example, VREFIN is derived from VDD2 through a resistive divider consisting of R1 and the internal 90kΩ input impedance. In the third example, an external voltage source drives the reference input pin. www.ti.com AMC0211R, AMC0311R SBASAR1 – JULY 2025 Copyright © 2025 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: AMC0211R AMC0311R |