công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AMC0X11R bảng dữ liệu(PDF) 16 Page - Texas Instruments

tên linh kiện AMC0X11R
Giải thích chi tiết về linh kiện  AMC0x11R Precision, 2.25V Input, Basic and Reinforced Isolated Amplifiers With Single-Ended, Ratiometric Output
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

AMC0X11R bảng dữ liệu(HTML) 16 Page - Texas Instruments

Back Button AMC0X11R Datasheet HTML 12Page - Texas Instruments AMC0X11R Datasheet HTML 13Page - Texas Instruments AMC0X11R Datasheet HTML 14Page - Texas Instruments AMC0X11R Datasheet HTML 15Page - Texas Instruments AMC0X11R Datasheet HTML 16Page - Texas Instruments AMC0X11R Datasheet HTML 17Page - Texas Instruments AMC0X11R Datasheet HTML 18Page - Texas Instruments AMC0X11R Datasheet HTML 19Page - Texas Instruments AMC0X11R Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
7.3.2 Isolation Channel Signal Transmission
As shown in Figure 7-1, the AMC0x11R uses an on-off keying (OOK) modulation scheme to transmit the
modulator output bitstream across the SiO2-based isolation barrier. The transmit driver (TX) is illustrated in the
Functional Block Diagram . TX transmits an internally generated, high-frequency carrier across the isolation
barrier to represent a digital one. However, TX does not send a signal to represent a digital zero. The nominal
frequency of the carrier used inside the AMC0x11R is 480MHz.
The receiver (RX) on the other side of the isolation barrier recovers and demodulates the signal and provides
the input to the analog filter. The AMC0x11R transmission channel is optimized to achieve the highest level of
common-mode transient immunity (CMTI) and the lowest level of radiated emissions. The high-frequency carrier
and RX/TX buffer switching cause these emissions.
Modulator Bitstream
on High-side
Internal Clock
Signal Across Isolation Barrier
Recovered Sigal
on Low-side
Figure 7-1. OOK-Based Modulation Scheme
7.3.3 Analog Output
The AMC0x11R provides a single-ended analog output voltage proportional to the input voltage. The output is
referred to GND2 and is galvanically isolated from the input of the device. The output is designed to connect
directly to the input of an ADC.
The full-scale output voltage is set by the REFIN pin. For any input voltage within the specified linear input
range, the device outputs a voltage equal to:
VOUT = VIN / VClipping x VREFIN = (VINP – VSNSN) / VClipping x VREFIN
(1)
Connect REFIN to the same reference voltage as the ADC to match the ADC dynamic input voltage range. With
a shared reference voltage, the ADC outputs a positive full-scale code when the clipping voltage is applied to
the input of the AMC0x11R. The output buffer requires a minimum headroom of 250mV against GND2 for linear
operation. Therefore, the device shows non-linear behavior for input voltages near 0V.
Calculate the minimum input voltage for linear operation as follows:
VINP, MIN = (250mV x VClipping) / VREFIN
(2)
For example, the minimum linear input voltage for the AMC0x11R device with a clipping voltage of 2.56V and
VREFIN = 5V, is 128mV.
The device is linear within the specified linear full-scale range. Beyond the linear full-scale range, the output
continues to follow the input, but with reduced linearity performance. The output clips when the input voltage
reaches the clipping voltage. Figure 7-2 shows the input-to-output transfer characteristic.
AMC0211R, AMC0311R
SBASAR1 – JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AMC0211R AMC0311R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com