công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP2953A bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện LP2953A
Giải thích chi tiết về linh kiện  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP2953A bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LP2953A Datasheet HTML 4Page - Texas Instruments LP2953A Datasheet HTML 5Page - Texas Instruments LP2953A Datasheet HTML 6Page - Texas Instruments LP2953A Datasheet HTML 7Page - Texas Instruments LP2953A Datasheet HTML 8Page - Texas Instruments LP2953A Datasheet HTML 9Page - Texas Instruments LP2953A Datasheet HTML 10Page - Texas Instruments LP2953A Datasheet HTML 11Page - Texas Instruments LP2953A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
Electrical Characteristics: All Voltage Options (continued)
Limits are assured by production testing or correlation techniques using standard Statistical Quality Control (SQC) methods.
Unless otherwise specified, MIN (minimum) and MAX (maximum) specifications in apply over the full Operating Temperature
Range and TYP (typical) values apply at TJ = 25°C, VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 2.2 μF for 5-V parts and 4.7
μF for 3.3-V parts. FEEDBACK pin is tied to VTAP pin, OUT pin is tied to SENSE pin.
LP2952AI, LP2953AI,
LP2952I, LP2953I,
LP2952AI-3.3, LP2953AI-3.3(1)
LP2952I-3.3, LP2953I-3.3
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SHUTDOWN INPUT(12)
TJ = 25°C
−7.5
±3
7.5
−7.5
±3
7.5
Input offset
(Referred to VREF)
VOS
mV
voltage
−10
10
−10
10
HYST
Hysteresis
6
6
mV
TJ = 25°C
−30
10
30
−30
10
−30
Input bias
VIN(SD) = 0 V to 5 V
IB
nA
current
VIN(SD) = 0 V to 5 V
−50
50
−50
50
AUXILIARY COMPARATOR (LP2953 Only)
TJ = 25°C
−7.5
±3
7.5
−7.5
±3
7.5
Input offset
(Referred to VREF)
VOS
mV
voltage
(Referred to VREF)
−10
±3
10
−10
±3
10
HYST
Hysteresis
6
6
mV
TJ = 25°C, VIN(COMP) = 0 V to 5
−30
10
30
−30
10
30
Input bias
V
IB
nA
current
VIN(COMP) = 0 V to 5 V
−50
10
50
−50
10
50
TJ = 25°C, VOH = 30 V
0.01
1
0.01
1
Output high
IOH
μA
leakage
VIN(COMP) = 1.3 V
0.01
2
0.01
2
TJ = 25°C, VIN(COMP) = 1.1 V
150
250
150
250
Output low
VOL
mV
voltage
IOUT(COMP) = 400 μA
150
400
150
400
(12) Drive SHUTDOWN pin with TTL or CMOS-low level to shut regulator OFF, high level to turn regulator ON.
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com