công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP5030 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LP5030
Giải thích chi tiết về linh kiện  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 6Page - Texas Instruments LP5030 Datasheet HTML 7Page - Texas Instruments LP5030 Datasheet HTML 8Page - Texas Instruments LP5030 Datasheet HTML 9Page - Texas Instruments LP5030 Datasheet HTML 10Page - Texas Instruments LP5030 Datasheet HTML 11Page - Texas Instruments LP5030 Datasheet HTML 12Page - Texas Instruments LP5030 Datasheet HTML 13Page - Texas Instruments LP5030 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 61 page
background image
Ambient Tempeature (qC)
-40
-20
0
20
40
60
80
100
-1.5
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
0.9
1.2
D002
Minimum at 5 mA
Maximum at 5 mA
Minimum at 10mA
Maximum at 10 mA
Minimum at 25.5 mA
Maximum at 25.5 mA
Minimum at 35 mA
Maximum at 35 mA
Output Pin Voltage (V)
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0.055
D006
50-PA IREF
100-PA IREF
150-PA IREF
200-PA IREF
250-PA IREF
300-PA IREF
350-PA IREF
Ambient Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
D004
5mA-Average Current
10mA-Average Current
25.5mA-Average Current
35mA-Average Current
Ambient Temperature (qC)
-40
-20
0
20
40
60
80
90
-1.5
-1
-0.5
0
0.5
1
1.5
D001
Minimum at 5 mA
Maximum at 5 mA
Minimum at 10mA
Maximum at 10 mA
Minimum at 25.5 mA
Maximum at 25.5 mA
Minimum at 35 mA
Maximum at 35 mA
RIREF(k:)
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
27.5
30
32.5
35
D005
Ambient Temperature (qC)
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
D003
5mA Average Current
10mA Average Current
25.5mA Average Current
35mA Average Current
10
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
7.7 Typical Characteristics
Figure 2. Output Current Target vs RIREF
VVCC = 3.3 V
Figure 3. Output Current vs Ambient Temperature
VVCC = 5 V
Figure 4. Output Current vs Ambient Temperature
VVCC = 3.3 V
Figure 5. Channel-to-Channel Accuracy
VVCC = 5 V
Figure 6. Channel-to-Channel Accuracy
VVCC = 3.3 V
Figure 7. OUT Pin Voltage vs Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com