công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP5030 bảng dữ liệu(PDF) 42 Page - Texas Instruments

tên linh kiện LP5030
Giải thích chi tiết về linh kiện  LP503x 36-, 30-Channel 12-Bit PWM Ultra-low Quiescent Current I2C RGB LED Drivers
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP5030 bảng dữ liệu(HTML) 42 Page - Texas Instruments

Back Button LP5030 Datasheet HTML 38Page - Texas Instruments LP5030 Datasheet HTML 39Page - Texas Instruments LP5030 Datasheet HTML 40Page - Texas Instruments LP5030 Datasheet HTML 41Page - Texas Instruments LP5030 Datasheet HTML 42Page - Texas Instruments LP5030 Datasheet HTML 43Page - Texas Instruments LP5030 Datasheet HTML 44Page - Texas Instruments LP5030 Datasheet HTML 45Page - Texas Instruments LP5030 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
42
LP5030, LP5036
SLVSEH1B – SEPTEMBER 2018 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: LP5030 LP5036
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
Figure 59. OUT18_COLOR Register
7
6
5
4
3
2
1
0
OUT18_COLOR
R/W-00h
Table 44. OUT18_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT18_COLOR
R/W
00h
00h = The color mixing percentage is 0%.
...
80h = The color mixing percentage is 50%.
...
FFh = The color mixing percentage is 100%.
8.6.40 OUT19_COLOR (Address = 27h) [reset = 00h]
OUT19_COLOR is shown in Figure 60 and described in Table 45.
Return to Table 4.
Figure 60. OUT19_COLOR Register
7
6
5
4
3
2
1
0
OUT19_COLOR
R/W-00h
Table 45. OUT19_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT19_COLOR
R/W
00h
00h = The color mixing percentage is 0%.
...
80h = The color mixing percentage is 50%.
...
FFh = The color mixing percentage is 100%.
8.6.41 OUT20_COLOR (Address = 28h) [reset = 00h]
OUT20_COLOR is shown in Figure 61 and described in Table 46.
Return to Table 4.
Figure 61. OUT20_COLOR Register
7
6
5
4
3
2
1
0
OUT20_COLOR
R/W-00h
Table 46. OUT20_COLOR Register Field Descriptions
Bit
Field
Type
Reset
Description
7–0
OUT20_COLOR
R/W
00h
00h = The color mixing percentage is 0%.
...
80h = The color mixing percentage is 50%.
...
FFh = The color mixing percentage is 100%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com