công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WB10CCU5 bảng dữ liệu(PDF) 58 Page - STMicroelectronics

tên linh kiện STM32WB10CCU5
Giải thích chi tiết về linh kiện  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB10CCU5 bảng dữ liệu(HTML) 58 Page - STMicroelectronics

Back Button STM32WB10CCU5 Datasheet HTML 54Page - STMicroelectronics STM32WB10CCU5 Datasheet HTML 55Page - STMicroelectronics STM32WB10CCU5 Datasheet HTML 56Page - STMicroelectronics STM32WB10CCU5 Datasheet HTML 57Page - STMicroelectronics STM32WB10CCU5 Datasheet HTML 58Page - STMicroelectronics STM32WB10CCU5 Datasheet HTML 59Page - STMicroelectronics STM32WB10CCU5 Datasheet HTML 60Page - STMicroelectronics STM32WB10CCU5 Datasheet HTML 61Page - STMicroelectronics STM32WB10CCU5 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 110 page
background image
Electrical characteristics
STM32WB10CC
58/110
DS13259 Rev 2
fo
Frequency offset
Bluetooth® Low Energy:
±150 kHz
-150
-
+150
KHz
∆f1
Frequency deviation average
Bluetooth® Low Energy:
between 225 and 275 kHz
225
-
275
∆fa
Frequency deviation
∆f2 (average) / ∆f1 (average)
Bluetooth® Low Energy:> 0.80
0.80
-
-
-
OBSE(2)
Out of band
spurious emission
< 1 GHz
-
-
-62
-
dBm
≥ 1 GHz
-
-
-45
-
1. Measured in conducted mode, based on reference design (see AN5165), using output power specific external RF filter and
impedance matching networks to interface with a 50 Ω antenna.
2. Suitable for systems targeting compliance with worldwide radio-frequency regulations ETSI EN 300 328 and EN 300 440
Class 2 (Europe), FCC CFR47 Part 15 (US), and ARIB STD-T66 (Japan).
Table 22. RF transmitter BLE characteristics (1 Mbps)(1) (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 23. RF receiver BLE characteristics (1 Mbps)
Symbol
Parameter
Test conditions
Typ
Unit
Prx_max
Maximum input signal
PER <30.8%
Bluetooth® Low Energy: min -10 dBm
-4
dBm
Psens(1)
High sensitivity mode
PER <30.8%
Bluetooth® Low Energy: max -70 dBm
-95.5
Rssimaxrange RSSI maximum value
-
-7
Rssiminrange RSSI minimum value
-
-94
Rssiaccu
RSSI accuracy
-
2
dB
C/Ico
Co-channel rejection
Bluetooth® Low Energy: 21 dB
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com