| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G030C8T6 bảng dữ liệu(PDF) 64 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G030C8T6 bảng dữ liệu(HTML) 64 Page - STMicroelectronics |
|
64 / 94 page ![]() Electrical characteristics STM32G030x6/x8 64/94 DS12991 Rev 1 01 Fmax Maximum frequency C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 10 MHz C=50 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 2 C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 15 C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 2.5 Tr/Tf Output rise and fall time C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 30 ns C=50 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 60 C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 15 C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 30 10 Fmax Maximum frequency C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 30 MHz C=50 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 15 C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 60 C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 30 Tr/Tf Output rise and fall time C=50 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 11 ns C=50 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 22 C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 4 C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 8 11 Fmax Maximum frequency C=30 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 60 MHz C=30 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 30 C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 80(3) C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 40 Tr/Tf Output rise and fall time C=30 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 5.5 ns C=30 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 11 C=10 pF, 2.7 V ≤ VDDIO1 ≤ 3.6 V - 2.5 C=10 pF, 1.6 V ≤ VDDIO1 ≤ 2.7 V - 5 Fm+ Fmax Maximum frequency C=50 pF, 1.6 V ≤ VDDIO1 ≤ 3.6 V -1 MHz Tf Output fall time(4) -5 ns 1. The I/O speed is configured using the OSPEEDRy[1:0] bits. The Fm+ mode is configured in the SYSCFG_CFGR1 register. Refer to the RM0454 reference manual for a description of GPIO Port configuration register. 2. Guaranteed by design. 3. This value represents the I/O capability but the maximum system frequency is limited to 64 MHz. 4. The fall time is defined between 70% and 30% of the output waveform, according to I2C specification. Table 51. I/O AC characteristics(1)(2) (continued) Speed Symbol Parameter Conditions Min Max Unit |