| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G030C8T6 bảng dữ liệu(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G030C8T6 bảng dữ liệu(HTML) 51 Page - STMicroelectronics |
|
51 / 94 page ![]() DS12991 Rev 1 51/94 STM32G030x6/x8 Electrical characteristics 80 Low-speed external user clock generated from an external source In bypass mode the LSE oscillator is switched off and the input pin is a standard GPIO. The external clock signal has to respect the I/O characteristics in Section 5.3.14. See Figure 13 for recommended clock input waveform. Figure 13. Low-speed external clock source AC timing diagram Table 35. Low-speed external user clock characteristics(1) Symbol Parameter Conditions Min Typ Max Unit fLSE_ext User external clock source frequency - - 32.768 1000 kHz VLSEH OSC32_IN input pin high level voltage - 0.7 VDDIO1 -VDDIO1 V VLSEL OSC32_IN input pin low level voltage - VSS - 0.3 VDDIO1 tw(LSEH) tw(LSEL) OSC32_IN high or low time - 250 - - ns 1. Guaranteed by design. MS19215V2 VLSEH tf(LSE) 90% 10% TLSE t tr(LSE) VLSEL tw(LSEH) tw(LSEL) |