| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8545 bảng dữ liệu(PDF) 61 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545 bảng dữ liệu(HTML) 61 Page - NXP Semiconductors |
|
61 / 72 page ![]() xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx 20. Appendix 20.1 LCD segment driver selection Table 40. Selection of LCD segment drivers Type name Number of elements at MUX VDD (V) VLCD (V) ffr (Hz) VLCD (V) charge pump VLCD (V) temperature compensat. Tamb (C) Interface Package AEC- Q100 1:1 1:2 1:3 1:4 1:6 1:8 1:9 PCA8561AHN[5] 18 36 54 72 ---1.8 to 5.5 1.8 to 5.5 32 to 256[1] NN 40 to 105 I2CHVQFN32 Y PCA8561BHN[5] 18 36 54 72 ---1.8 to 5.5 1.8 to 5.5 32 to 256[1] NN 40 to 105 SPI HVQFN32 Y PCF8566TS 24 48 72 96 ---2.5 to 6 2.5 to 6 69 N N 40 to 85 I2C VSO40 N PCF85162T 32 64 96 128 ---1.8 to 5.5 2.5 to 6.5 82 N N 40 to 85 I2CTSSOP48 N PCA85162T 32 64 96 128 ---1.8 to 5.5 2.5 to 8 110 N N 40 to 95 I2CTSSOP48 Y PCA85262ATT 32 64 96 128 ---1.8 to 5.5 2.5 to 8 200 N N 40 to 105 I2CTSSOP48 Y PCF8551ATT[5] 36 72 108 144 ---1.8 to 5.5 1.8 to 5.5 32 to 128[1] NN 40 to 85 I2CTSSOP48 N PCF8551BTT[5] 36 72 108 144 ---1.8 to 5.5 1.8 to 5.5 32 to 128[1] NN 40 to 85 SPI TSSOP48 N PCA8551ATT[5] 36 72 108 144 ---1.8 to 5.5 1.8 to 5.5 32 to 256[1] NN 40 to 105 I2CTSSOP48 Y PCA8551BTT[5] 36 72 108 144 ---1.8 to 5.5 1.8 to 5.5 32 to 256[1] NN 40 to 105 SPI TSSOP48 Y PCF85176T 40 80 120 160 ---1.8 to 5.5 2.5 to 6.5 82 N N 40 to 85 I2CTSSOP56 N PCA85176T 40 80 120 160 ---1.8 to 5.5 2.5 to 8 110 N N 40 to 95 I2CTSSOP56 Y PCA85276ATT 40 80 120 160 ---1.8 to 5.5 2.5 to 8 200 N N 40 to 105 I2CTSSOP56 Y PCF85176H 40 80 120 160 ---1.8 to 5.5 2.5 to 6.5 82 N N 40 to 85 I2CTQFP64 N PCA85176H 40 80 120 160 ---1.8 to 5.5 2.5 to 8 82 N N 40 to 95 I2CTQFP64 Y PCF8553ATT[5] 40 80 120 160 ---1.8 to 5.5 1.8 to 5.5 32 to 128[1] NN 40 to 85 I2CTSSOP56 N PCF8553BTT[5] 40 80 120 160 ---1.8 to 5.5 1.8 to 5.5 32 to 128[1] NN 40 to 85 SPI TSSOP56 N PCA8553ATT[5] 40 80 120 160 ---1.8 to 5.5 1.8 to 5.5 32 to 256[1] NN 40 to 105 I2CTSSOP56 Y PCA8553BTT[5] 40 80 120 160 ---1.8 to 5.5 1.8 to 5.5 32 to 256[1] NN 40 to 105 SPI TSSOP56 Y PCA8546ATT[5] --- 176 ---1.8 to 5.5 2.5 to 9 60 to 300[1] NN 40 to 95 I2CTSSOP56 Y PCA8546BTT[5] --- 176 ---1.8 to 5.5 2.5 to 9 60 to 300[1] NN 40 to 95 SPI TSSOP56 Y PCA8547AHT[5] 44 88 - 176 ---1.8 to 5.5 2.5 to 9 60 to 300[1] YY[3] 40 to 95 I2CTQFP64 Y PCA8547BHT[5] 44 88 - 176 ---1.8 to 5.5 2.5 to 9 60 to 300[1] YY[3] 40 to 95 SPI TQFP64 Y PCF85134HL 60 120 180 240 ---1.8 to 5.5 2.5 to 6.5 82 N N 40 to 85 I2CLQFP80 N PCA85134H 60 120 180 240 ---1.8 to 5.5 2.5 to 8 82 N N 40 to 95 I2CLQFP80 Y |