| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8545 bảng dữ liệu(PDF) 56 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545 bảng dữ liệu(HTML) 56 Page - NXP Semiconductors |
|
56 / 72 page ![]() PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 1 — 13 November 2013 56 of 72 NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 17. Packing information 17.1 Tape and reel information Fig 46. Tape and reel details for PCF8545ATT and PCF8545BTT Table 37. Carrier tape dimensions of PCF8545ATT and PCF8545BTT Symbol Description Value Unit Compartments A0 pocket width in x direction 8.65 to 8.9 mm B0 pocket width in y direction 14.4 to 15.8 mm K0 pocket depth 1.5 to 1.8 mm P1 pocket hole pitch 12 mm D1 pocket hole diameter 1.5 to 2.05 mm Overall dimensions W tape width 24 mm D0 sprocket hole diameter 1.5 to 1.55 mm P0 sprocket hole pitch 4 mm |