| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8545ATT/A bảng dữ liệu(PDF) 70 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT/A bảng dữ liệu(HTML) 70 Page - NXP Semiconductors |
|
70 / 72 page ![]() PCF8545 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 1 — 13 November 2013 70 of 72 NXP Semiconductors PCF8545 Universal LCD driver for multiplex rates up to 1:8 27. Figures Fig 1. Block diagram of PCF8545A . . . . . . . . . . . . . . . . .3 Fig 2. Block diagram of PCF8545B . . . . . . . . . . . . . . . . .4 Fig 3. Pin configuration for TSSOP56 (PCF8545ATT). . .5 Fig 4. Pin configuration for TSSOP56 (PCF8545BTT) . .5 Fig 5. Effect of backplane swapping . . . . . . . . . . . . . . . .9 Fig 6. Recommended power-down sequence . . . . . . . .10 Fig 7. Oscillator selection. . . . . . . . . . . . . . . . . . . . . . . .12 Fig 8. Recommended start-up sequence when using the internal oscillator . . . . . . . . . . . . . . . . .18 Fig 9. Recommended start-up sequence when using an external clock signal . . . . . . . . . . . . . . .19 Fig 10. Example of displays suitable for PCF8545 . . . . .20 Fig 11. Typical system configuration for the I2C-bus . . . .21 Fig 12. Typical system configuration for the SPI-bus. . . .21 Fig 13. Electro-optical characteristic: relative transmission curve of the liquid . . . . . . . . . . . . . .23 Fig 14. Waveforms for the 1:4 multiplex drive mode with 1⁄3 bias and line inversion . . . . . . . . . . . . . . .24 Fig 15. Waveforms for 1:6 multiplex drive mode with bias 1⁄3 and line inversion. . . . . . . . . . . . . . . . . . .25 Fig 16. Waveforms for 1:6 multiplex drive mode with bias 1⁄4 and line inversion. . . . . . . . . . . . . . . . . . .26 Fig 17. Waveforms for 1:8 multiplex drive mode with bias 1⁄4 and line inversion. . . . . . . . . . . . . . . . . . .27 Fig 18. Waveforms for 1:8 multiplex drive mode with bias 1⁄4 and frame inversion . . . . . . . . . . . . . . . . .28 Fig 19. Display RAM bitmap . . . . . . . . . . . . . . . . . . . . . .30 Fig 20. Display RAM filling order in 1:4 multiplex drive mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .32 Fig 21. Boundary condition in 1:4 multiplex drive mode .32 Fig 22. Display RAM filling order in 1:6 multiplex drive mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .33 Fig 23. Boundary condition in 1:6 multiplex drive mode .34 Fig 24. Display RAM filling order in 1:8 multiplex drive mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .35 Fig 25. Control byte format . . . . . . . . . . . . . . . . . . . . . . .36 Fig 26. Bit transfer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .37 Fig 27. Definition of START and STOP conditions. . . . . .37 Fig 28. System configuration . . . . . . . . . . . . . . . . . . . . . .38 Fig 29. Acknowledgement on the I2C-bus . . . . . . . . . . . .38 Fig 30. I2C-bus protocol write mode . . . . . . . . . . . . . . . .40 Fig 31. I2C-bus protocol read mode. . . . . . . . . . . . . . . . .40 Fig 32. Data transfer overview . . . . . . . . . . . . . . . . . . . . .42 Fig 33. SPI-bus write example . . . . . . . . . . . . . . . . . . . . .43 Fig 34. SPI-bus example . . . . . . . . . . . . . . . . . . . . . . . . .43 Fig 35. Device protection diagram for PCF8545A . . . . . .44 Fig 36. Device protection diagram for PCF8545B . . . . . .44 Fig 37. Typical IDD with respect to temperature . . . . . . . .48 Fig 38. Typical IDD(LCD) in power-down mode with respect to temperature. . . . . . . . . . . . . . . . . . . . .48 Fig 39. Typical IDD(LCD) when display is active with respect to temperature. . . . . . . . . . . . . . . . . . . . .49 Fig 40. Typical clock frequency with respect to VDD and temperature . . . . . . . . . . . . . . . . . . . . . . . . .50 Fig 41. Driver timing waveforms . . . . . . . . . . . . . . . . . . .50 Fig 42. RESET timing . . . . . . . . . . . . . . . . . . . . . . . . . . .51 Fig 43. I2C-bus timing waveforms . . . . . . . . . . . . . . . . . . 52 Fig 44. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 53 Fig 45. Package outline SOT364-1 (TSSOP56) . . . . . . . 54 Fig 46. Tape and reel details for PCF8545ATT and PCF8545BTT . . . . . . . . . . . . . . . . . . . . . . . . . . . 56 Fig 47. Temperature profiles for large and small components. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59 Fig 48. Footprint information for reflow soldering of SOT364-1 (TSSOP56) package . . . . . . . . . . . . . 60 |