công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLP2000AFQC.B bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện DLP2000AFQC.B
Giải thích chi tiết về linh kiện  DLP2000 (.2 nHD) DMD
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

DLP2000AFQC.B bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button DLP2000AFQC.B Datasheet HTML 24Page - Texas Instruments DLP2000AFQC.B Datasheet HTML 25Page - Texas Instruments DLP2000AFQC.B Datasheet HTML 26Page - Texas Instruments DLP2000AFQC.B Datasheet HTML 27Page - Texas Instruments DLP2000AFQC.B Datasheet HTML 28Page - Texas Instruments DLP2000AFQC.B Datasheet HTML 29Page - Texas Instruments DLP2000AFQC.B Datasheet HTML 30Page - Texas Instruments DLP2000AFQC.B Datasheet HTML 31Page - Texas Instruments DLP2000AFQC.B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
10 Layout
10.1 Layout Guidelines
There are no specific layout guidelines for the DMD, however the DMD is typically connected using a board to
board connector with a flex cable. The flex cable provides an interface for data and control signals between the
DLPC2607 controller and the DLP2000 DMD. For detailed layout guidelines refer to the DLPC2607 controller
layout guidelines under PCB design and DMD interface considerations.
Some layout guidelines for the flex cable interface with the DMD are:
• Minimize the number of layer changes for DMD data and control signals.
• DMD data and control lines are DDR, whereas DMD_SAC and DMD_DRC lines are single data rate.
Matching the DDR lines is more critical and should take precedence over matching single data rate lines.
• Figure 10-1 and Figure 10-2 show the top and bottom layer of the DMD flex cable connections.
10.2 Layout Example
Figure 10-1. DMD Flex Cable—Top Layer
DLP2000
DLPS140B – MARCH 2019 – REVISED MAY 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DLP2000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com