công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1282IPW.B bảng dữ liệu(PDF) 29 Page - Texas Instruments

tên linh kiện ADS1282IPW.B
Giải thích chi tiết về linh kiện  ADS1282 High-Resolution Analog-To-Digital Converter
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1282IPW.B bảng dữ liệu(HTML) 29 Page - Texas Instruments

Back Button ADS1282IPW.B Datasheet HTML 25Page - Texas Instruments ADS1282IPW.B Datasheet HTML 26Page - Texas Instruments ADS1282IPW.B Datasheet HTML 27Page - Texas Instruments ADS1282IPW.B Datasheet HTML 28Page - Texas Instruments ADS1282IPW.B Datasheet HTML 29Page - Texas Instruments ADS1282IPW.B Datasheet HTML 30Page - Texas Instruments ADS1282IPW.B Datasheet HTML 31Page - Texas Instruments ADS1282IPW.B Datasheet HTML 32Page - Texas Instruments ADS1282IPW.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
ADS1282
www.ti.com
SBAS418I – SEPTEMBER 2007 – REVISED MARCH 2015
9.28.1 Ofc[2:0] Registers
9.28.2 FSC[2:0] Registers
The offset calibration is a 24-bit word, composed of
The full-scale calibration is a 24-bit word, composed
three 8-bit registers, as shown in Table 18. The offset
of three 8-bit registers, as shown in Table 19. The
register is left-justified to align with the 32-bits of
full-scale calibration value is 24-bit, straight offset
conversion data. The offset is in twos complement
binary, normalized to 1.0 at code 400000h. Table 17
format with a maximum positive value of 7FFFFFh
summarizes the scaling of the full-scale register. A
and a maximum negative value of 800000h. This
register value of 400000h (default value) has no gain
value is subtracted from the conversion data. A
correction (gain = 1). Note that while the full-scale
register value of 00000h has no offset correction
calibration register value corrects gain errors above 1
(default value). Note that while the offset calibration
(gain correction < 1), the full-scale range of the
register value can correct offsets ranging from –FS to
analog inputs should not exceed 103% to avoid input
+FS (as shown in Table 16), to avoid input overload,
overload.
the analog inputs cannot exceed the full-scale range.
Table 17. Full-Scale Calibration Register Values
Table 16. Offset Calibration Values
FSC REGISTER
GAIN CORRECTION
OFC REGISTER
FINAL OUTPUT CODE(1)
800000h
2.0
7FFFFFh
80000000h
400000h
1.0
000001h
FFFFFF00h
200000h
0.5
000000h
00000000h
000000h
0
FFFFFFh
00000100h
800000h
7FFFFF00h
(1) Full 32-bit final output code with zero code input.
Table 18. Offset Calibration Word
REGISTER
BYTE
BIT ORDER
OFC0
LSB
B7
B6
B5
B4
B3
B2
B1
B0 (LSB)
OFC1
MID
B15
B14
B13
B12
B11
B10
B9
B8
OFC2
MSB
B23 (MSB)
B22
B21
B20
B19
B18
B17
B16
Table 19. Full-Scale Calibration Word
REGISTER
BYTE
BIT ORDER
FSC0
LSB
B7
B6
B5
B4
B3
B2
B1
B0 (LSB)
FSC1
MID
B15
B14
B13
B12
B11
B10
B9
B8
FSC2
MSB
B23 (MSB)
B22
B21
B20
B19
B18
B17
B16
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: ADS1282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54