| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM160218 bảng dữ liệu(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM160218 bảng dữ liệu(HTML) 41 Page - Microchip Technology |
|
41 / 50 page ![]() MGC3130 HILLSTAR DEVELOPMENT KIT USER’S GUIDE 2013 Microchip Technology Inc. DS40001721A-page 41 Appendix B. Sensitivity Profile and Capacitances B.1 INTRODUCTION This appendix contains the sensitivity profile and the electrode capacitances of the Hillstar Development Kit hardware. The measurement procedure of both, the sensitivity profile and the electrode capacitances are outlined in “MGC3130 GestIC® Design Guide”. B.2 SENSITIVITY PROFILES The sensitivity profiles were conducted using a 40x40x70 mm hand brick and a 30 mm spacer brick. FIGURE B-1: SENSITIVITY PROFILE FROM WEST TO EAST 25 36 48 63 88 120 158 204 256 293 319 317 296 285 312 320 299 257 211 164 130 98 76 58 43 34 0 50 100 150 200 250 300 350 400 450 500 distance to West West -> East SD North SD East SD South SD West SD Center SD: Signal Deviation |