| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC1G79DBVT bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC1G79DBVT bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC1G79DBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (C795, C79F, C79J, C79R) SN74LVC1G79DBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C795, C79F, C79J, C79R) SN74LVC1G79DBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C795, C79F, C79J, C79R) SN74LVC1G79DBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (C795, C79F, C79J, C79R) SN74LVC1G79DBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C795, C79F, C79J, C79R) SN74LVC1G79DBVTG4 Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C79F SN74LVC1G79DBVTG4.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C79F SN74LVC1G79DCKR Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (CR5, CRF, CRJ, CR R) SN74LVC1G79DCKR.A Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (CR5, CRF, CRJ, CR R) SN74LVC1G79DCKR.B Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (CR5, CRF, CRJ, CR R) SN74LVC1G79DCKRG4 Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CR5 SN74LVC1G79DCKRG4.B Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CR5 SN74LVC1G79DCKT Active Production SC70 (DCK) | 5 250 | SMALL T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (CR5, CRF, CRJ, CR R) SN74LVC1G79DCKT.B Active Production SC70 (DCK) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 (CR5, CRF, CRJ, CR R) SN74LVC1G79DCKTG4 Active Production SC70 (DCK) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CR5 SN74LVC1G79DCKTG4.B Active Production SC70 (DCK) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CR5 SN74LVC1G79DRLR Active Production SOT-5X3 (DRL) | 5 4000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 (CR7, CRR) SN74LVC1G79DRLR.A Active Production SOT-5X3 (DRL) | 5 4000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 (CR7, CRR) SN74LVC1G79DRLR.B Active Production SOT-5X3 (DRL) | 5 4000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 (CR7, CRR) SN74LVC1G79YZPR Active Production DSBGA (YZP) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 85 (CR7, CRN) SN74LVC1G79YZPR.B Active Production DSBGA (YZP) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 (CR7, CRN) Addendum-Page 1 |