| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USBFTVC2G bảng dữ liệu(PDF) 4 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
USBFTVC2G bảng dữ liệu(HTML) 4 Page - Amphenol PCD, Inc |
|
4 / 4 page ![]() 4 Amphenol ® Amphenol Socapex Promenade de l’Arve -B.P.29 - 74311 THYEZ – F Tel. :+ 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75 www.usbfield.com Part Number Code 21 G Shell Type 6 : Plug 2 : Square Flange Receptacle 2PE : Square Flange Receptacle with backshell 7 : Jam Nut Receptacle 7PE : Jam Nut Receptacle with backshell Back Terminations (Receptacles only) 1 : USB-A receptacle 2 : Solder (4 tined holes) Shells Plating N : Nickel G : Olive Drab Cadmium USBF TV USB Field TV Examples : - Olive Drab Cadmium Plug : USBF TV 6G - Olive Drab Cadmium Square Flange Receptacle, USB-A back terminat° : USBF TV 21G - Olive Drab Cadmium Jam Nut Receptacle, USB-A receptacle back terminat° : USBF TV 71G - Nickel Jam Nut Receptacle, solder termination : USBF TV 72N Accessories • Metallic Caps 2G Connector Type 6 : Plug 2 : Square Flange Receptacle 7 : Jam Nut Receptacle Protection de surface N : Nickel G : Olive Drab Cadmium USBF TVC Plug Cap Receptacle Cap Jam Nut receptacle cap end Square flange receptacle cap end Plug Cap end • Receptacle Insert removal tool : USBF ODE • Panel Gasket for square flange receptacle (Thickness : 0,8 mm [.031]) : JE15 Square flange receptacle with Self Closing Cap (cap with a spring inside) : USBF 21N SCC (*) Nickel and metallized inserts (EMI) USBF 21B SCC (*) Black and blank insert Note : Panel gasket to use with this version only : JE18 New ! (*) This P/N includes the square flange receptacle and the self closing cap |