| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USBFTVC2G bảng dữ liệu(PDF) 3 Page - Amphenol PCD, Inc |
|
|
|||||||||||||||||||||||||||||
USBFTVC2G bảng dữ liệu(HTML) 3 Page - Amphenol PCD, Inc |
|
3 / 4 page ![]() 3 Amphenol ® Amphenol Socapex Promenade de l’Arve -B.P.29 - 74311 THYEZ – F Tel. :+ 33 (0) 4 50 89 28 00 - Fax : + 33 (0) 4 50 96 29 75 www.usbfield.com Plug : « 6 » Shell Receptacles : Type 1 : USB-A Receptacle Type 2 : Solder 4 Tined holes to solder your cable Back Terminations : « 2 » Shell Square Flange Panel Drilling Panel Drilling Backshell used with backtermination type 1 : USB A receptacle Not sealed Backshell used with backtermination type 2 : Solder Sealed – IP67 « 7 » Shell Jam Nut «2PE » and «7PE » Shells with Backshell to protect Backtermination from dust, shocks and vibration. View of the PCB of the Type 2 version with 4 tined holes for solder termination |