công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7250LE bảng dữ liệu(PDF) 16 Page - Infineon Technologies AG

tên linh kiện TLE7250LE
Giải thích chi tiết về linh kiện  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250LE bảng dữ liệu(HTML) 16 Page - Infineon Technologies AG

Back Button TLE7250LE Datasheet HTML 12Page - Infineon Technologies AG TLE7250LE Datasheet HTML 13Page - Infineon Technologies AG TLE7250LE Datasheet HTML 14Page - Infineon Technologies AG TLE7250LE Datasheet HTML 15Page - Infineon Technologies AG TLE7250LE Datasheet HTML 16Page - Infineon Technologies AG TLE7250LE Datasheet HTML 17Page - Infineon Technologies AG TLE7250LE Datasheet HTML 18Page - Infineon Technologies AG TLE7250LE Datasheet HTML 19Page - Infineon Technologies AG TLE7250LE Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
TLE7250LE
TLE7250SJ
General Product Characteristics
Data Sheet
16
Rev. 1.0, 2015-08-12
6
General Product Characteristics
6.1
Absolute Maximum Ratings
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. Integrated protection functions
are designed to prevent IC destruction under fault conditions described in the data sheet. Fault conditions
are considered as “outside” normal-operating range. Protection functions are not designed for continuos
repetitive operation.
Table 3
Absolute maximum ratings voltages, currents and temperatures1)
All voltages with respect to ground; positive current flowing into pin;
(unless otherwise specified)
1) Not subject to production test, specified by design
Parameter
Symbol
Values
Unit Note /
Test Condition
Number
Min.
Typ.
Max.
Voltages
Transmitter supply voltage
V
CC
-0.3
–
6.0
V
–
P_6.1.1
CANH DC voltage versus GND
V
CANH
-40
–
40
V
–
P_6.1.2
CANL DC voltage versus GND
V
CANL
-40
–
40
V
–
P_6.1.3
Differential voltage between
CANH and CANL
V
CAN SDiff
-40
–
40
V
–
P_6.1.4
Voltages at the input pins:
NEN, NRM, TxD
V
MAX_IN
-0.3
–
6.0
V
–
P_6.1.5
Voltages at the output pin:
RxD
V
MAX_OUT
-0.3
–
V
CC
V–
P_6.1.6
Currents
RxD output current
I
RxD
-20
–
20
mA
–
P_6.1.7
Temperatures
Junction temperature
T
j
-40
–
150
°C
–
P_6.1.8
Storage temperature
T
S
-55
–
150
°C
–
P_6.1.9
ESD Resistivity
ESD immunity at CANH, CANL
versus GND
V
ESD_HBM_
CAN
-9
–
9
kV
HBM
(100 pF via 1.5 kΩ)2)
2) ESD susceptibility, Human Body Model “HBM” according to ANSI/ESDA/JEDEC JS-001
P_6.1.10
ESD immunity at all other pins
V
ESD_HBM_
ALL
-2
–
2
kV
HBM
(100 pF via 1.5 kΩ)2)
P_6.1.11
ESD immunity to GND
V
ESD_CDM
-750
–
750
V
CDM3)
3) ESD susceptibility, Charge Device Model “CDM” according to EIA/JESD22-C101 or ESDA STM5.3.1
P_6.1.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com