công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7250LE bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG

tên linh kiện TLE7250LE
Giải thích chi tiết về linh kiện  High Speed CAN-Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7250LE bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG

Back Button TLE7250LE Datasheet HTML 8Page - Infineon Technologies AG TLE7250LE Datasheet HTML 9Page - Infineon Technologies AG TLE7250LE Datasheet HTML 10Page - Infineon Technologies AG TLE7250LE Datasheet HTML 11Page - Infineon Technologies AG TLE7250LE Datasheet HTML 12Page - Infineon Technologies AG TLE7250LE Datasheet HTML 13Page - Infineon Technologies AG TLE7250LE Datasheet HTML 14Page - Infineon Technologies AG TLE7250LE Datasheet HTML 15Page - Infineon Technologies AG TLE7250LE Datasheet HTML 16Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
TLE7250LE
TLE7250SJ
Functional Description
Data Sheet
12
Rev. 1.0, 2015-08-12
4.3.1
Power-down State
Independent of the NEN and NRM input pins the TLE7250 is in power-down state when the transmitter supply
voltage
V
CC is turned off (see Figure 5).
In the power-down state the input resistors of the receiver are disconnected from the bus biasing
V
CC/2. The CANH
and CANL bus interface of the TLE7250 is floating and acts as a high-impedance input with a very small leakage
current. The high-ohmic input does not influence the “recessive” level of the CAN network and allows an optimized
EME performance of the entire HS CAN network (see also Table 2).
4.3.2
Power-up
The HS CAN transceiver TLE7250 powers up if the transmitter supply
V
CC is connected to the device. By default
the device powers up in power-save mode, due to the internal pull-up resistor on the NEN pin to
V
CC.
In case the device needs to power-up to normal-operating mode, the NEN pin needs to be pulled active to logical
“low” while the NRM pin is logical “high” (see Figure 5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com