công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1605IPAPR bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện ADS1605IPAPR
Giải thích chi tiết về linh kiện  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1605IPAPR bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button ADS1605IPAPR Datasheet HTML 16Page - Texas Instruments ADS1605IPAPR Datasheet HTML 17Page - Texas Instruments ADS1605IPAPR Datasheet HTML 18Page - Texas Instruments ADS1605IPAPR Datasheet HTML 19Page - Texas Instruments ADS1605IPAPR Datasheet HTML 20Page - Texas Instruments ADS1605IPAPR Datasheet HTML 21Page - Texas Instruments ADS1605IPAPR Datasheet HTML 22Page - Texas Instruments ADS1605IPAPR Datasheet HTML 23Page - Texas Instruments ADS1605IPAPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
20
CLOCK INPUT (CLK)
The ADS1605/6 requires an external clock signal to be
applied to the CLK input pin. The sampling of the modu-
lator is controlled by this clock signal. As with any high-
speed data converter, a high quality clock is essential
for optimum performance. Crystal clock oscillators are
the recommended CLK source; other sources such as
frequency synthesizers are usually not adequate. Make
sure to avoid excess ringing on the CLK input; keeping
the trace as short as possible will help.
Measuring high frequency, large amplitude signals re-
quires tight control of clock jitter. The uncertainty during
sampling of the input from clock jitter limits the maxi-
mum achievable SNR. This effect becomes more pro-
nounced with higher frequency and larger magnitude in-
puts.
Fortunately,
the
ADS1605/6
oversampling
topology reduces clock jitter sensitivity over that of Ny-
quist rate converters like pipeline and successive
approximation converters by a factor of 8.
In order to not limit the ADS1605/6 SNR performance,
keep the jitter on the clock source below the values
shown in Table 1. When measuring lower frequency
and lower amplitude inputs, more CLK jitter can be tol-
erated. In determining the allowable clock source jitter,
select the worst-case input (highest frequency, largest
amplitude) that will be seen in the application.
Table 1. Maximum Allowable Clock Source Jitter
for Different Input Signal Frequencies and
Amplitude
INPUT SIGNAL
MAXIMUM
ALLOWABLE
MAXIMUM
FREQUENCY
MAXIMUM
AMPLITUDE
ALLOWABLE
CLOCK SOURCE
JITTER
2MHz
−2dB
1.9ps
2MHz
−20dB
14ps
1MHz
−2dB
3.8ps
1MHz
−20dB
28ps
500kHz
−2dB
7.6ps
500kHz
−20dB
57ps
100kHz
−2dB
38ps
100kHz
−20dB
285ps
DATA FORMAT
The 16-bit output data are in binary two’s complement
format as shown in Table 2. When the input is positive
out-of-range, exceeding the positive full-scale value of
1.467VREF, the output clips to all 7FFFh and the OTR
output goes high.
Likewise, when the input is negative out-of-range by go-
ing below the negative full-scale value of –1.467VREF,
the output clips to 8000h and the OTR output goes high.
The OTR remains high while the input signal is out-of-
range.
Table 2. Output Code Versus Input Signal
INPUT SIGNAL
(INP – INN)
IDEAL OUTPUT
CODE(1)
OTR
≥+1.467VREF (> 0dB)
7FFFH
1
1.467VREF (0dB)
7FFFH
0
+1.467V
REF
215
* 1
0001H
0
0
0000H
0
−1.467V
REF
215
* 1
FFFFH
0
−1.467V
REF
215
215
* 1
8000H
0
v −1.467V
REF
215
215
* 1
8000H
1
(1) Excludes effects of noise, INL, offset and gain errors.
OUT-OF-RANGE INDICATION (OTR)
If the output code on DOUT[15:0] exceeds the positive
or negative full-scale, the out-of-range digital output
OTR will go high on the falling edge of DRDY. When the
output code returns within the full-scale range, OTR re-
turns low on the falling edge of DRDY.
DATA RETRIEVAL
Data retrieval is controlled through a simple parallel in-
terface. The falling edge of the DRDY output indicates
new data are available. To activate the output bus, both
CS and RD must be low, as shown in Table 3. Make
sure the DOUT bus does not drive heavy loads (>
20pF), as this will degrade performance. Use an exter-
nal buffer when driving an edge connector or cables.
Table 3. Truth Table for CS and RD
CS
RD
DOUT[15:0]
0
0
Active
0
1
High impedance
1
0
High impedance
1
1
High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com