công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS65160APWPR bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện TPS65160APWPR
Giải thích chi tiết về linh kiện  BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS65160APWPR bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TPS65160APWPR Datasheet HTML 1Page - Texas Instruments TPS65160APWPR Datasheet HTML 2Page - Texas Instruments TPS65160APWPR Datasheet HTML 3Page - Texas Instruments TPS65160APWPR Datasheet HTML 4Page - Texas Instruments TPS65160APWPR Datasheet HTML 5Page - Texas Instruments TPS65160APWPR Datasheet HTML 6Page - Texas Instruments TPS65160APWPR Datasheet HTML 7Page - Texas Instruments TPS65160APWPR Datasheet HTML 8Page - Texas Instruments TPS65160APWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TPS65160, TPS65160A
SLVS566C – MARCH 2005 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12 V, SUP = VIN, EN1 = EN2 = VIN, VS = 15 V, VLOGIC = 3.3 V, TA = –40°C to 85°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL OSCILLATOR
FREQ = high
600
750
900
fOSC
Oscillator frequency
kHz
FREQ = low
400
500
600
BOOST CONVERTER (VS)
TPS65160
20
V
VS
Output voltage range
TPS65160A
17.5
V
VFB
Feedback regulation voltage
1.136
1.146
1.156
V
IFB
Feedback input bias current
10
100
nA
N-MOSFET on-resistance (Q1)
ISW = 500 mA
100
185
m
Ω
rDS(on)
P-MOSFET on-resistance (Q2)
ISW = 200 mA
10
16
Ω
IMAX
Maximum P-MOSFET peak switch current
1
A
ILIM
N-MOSFET switch current limit (Q1)
2.8
3.5
4.2
A
Ileak
Switch leakage current
VSW = 15 V
1
10
µA
TPS65160
VOUT rising
22
23
24.5
V
Vovp
Overvoltage protection
TPS65160A
VOUT rising
18
19.5
20.5
V
10.6 V
≤ Vin ≤ 11.6 V
Line regulation
0.0008
%/V
at 1 mA
Load regulation
0.03
%/A
GATE DRIVE (GD)
VGD
Gate drive threshold(1)
VFB rising
Vs-12%
Vs-8%
Vs-4%
V
VOL
GD output low voltage
I(sink) = 500 µA
0.3
V
GD output leakage current
VGD = 20 V
0.05
1
µA
STEP-DOWN CONVERTER (VLOGIC)
VLOGIC
Output voltage range
1.8
5
V
VFBB
Feedback regulation voltage
1.195
1.213
1.231
V
IFBB
Feedback input bias current
10
100
nA
rDS(ON)
N-MOSFET on-resistance (Q1)
ISW = 500 mA
175
300
m
Ω
ILIM
N-MOSFET switch current limit (Q1)
2
2.6
3.3
A
Ileak
Switch leakage current
VSW = 0 V
1
10
µA
10.6 V
≤ VIN ≤ 11.6 V
Line regulation
0.0018
%/V
at 1 mA
Load regulation
0.037
%/A
(1)
The GD signal is latched low when the main boost converter output VS is within regulation. The GD signal is reset when the input
voltage or enable of the boost converter is cycled low.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: TPS65160 TPS65160A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com