công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ICVN2103C200PB bảng dữ liệu(PDF) 5 Page - Johanson Dielectrics Inc

tên linh kiện ICVN2103C200PB
Giải thích chi tiết về linh kiện  SMD CHIP VARISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  JOHANSONDIELECTRICS [Johanson Dielectrics Inc]
Trang chủ  https://www.johansondielectrics.com/
Logo JOHANSONDIELECTRICS - Johanson Dielectrics Inc

ICVN2103C200PB bảng dữ liệu(HTML) 5 Page - Johanson Dielectrics Inc

  ICVN2103C200PB Datasheet HTML 1Page - Johanson Dielectrics Inc ICVN2103C200PB Datasheet HTML 2Page - Johanson Dielectrics Inc ICVN2103C200PB Datasheet HTML 3Page - Johanson Dielectrics Inc ICVN2103C200PB Datasheet HTML 4Page - Johanson Dielectrics Inc ICVN2103C200PB Datasheet HTML 5Page - Johanson Dielectrics Inc ICVN2103C200PB Datasheet HTML 6Page - Johanson Dielectrics Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
15191 Bledsoe St., Sylmar, CA 91342
Tel (818) 364-9800
• Fax (818) 364-6100
Varistors
Page 6 of 14
CHIP VARISTOR PERFORMANCE
REQUIREMENTS
ITEM
1005
1608
2012
3216
TEST CONDITION
Operating
Temperature Range
-55
° C to + 125 ° C
--
Storage
Temperature &
humidity range
40
° C max, 70% RH max.
At packing
Resistance to solder
heat
1. No damage such as cracks in the chip
element.
2. Greater than 75% of the terminal
shall be covered with fresh solder
Preheat temperature: 100 to 150
° C
Preheat time: 1 minute
Solder temperature: 260
± 10° C
Immersion time: 10
± 0.5 sec.
Solderability
More than 90% of the terminal shall be
covered with fresh solder
Preheat temperature: 100 to 150
° C
Preheat time: 1 minute
Solder temperature: 230
± 10° C
Immersion time: 3
± 1 sec.
Reflow soldering
1. More than 50% of the terminal shall
be covered with fresh solder.
2. Varistor voltage change not to
exceed
± 10%.
Preheat temperature: 150
° C
Preheat time: 1 minute
Solder temperature: 230
° C
Soldering time: 10 sec.max
Tensile Strength
(terminal strength)
Per JIS-C-6429
Appendix 1
Note: Force of 1.8kg for 60 seconds.
Board Flex
(Bending Strength)
1. The body shall not be damaged by the
forces shown in the table
Min Flex by Size
-
2.0
3.0
4.0
Appendix 2 Note: 2mm (Min.)
Drop
1. No mechanical damage
Drop 10 times on a concrete floor from a
height of three ft (91cm)
Vibration
1. No mechanical damage
Frequency:
10~55—10Hz
Amplitude:
1.52mm
Direction and time:
X,Y,X directions for 2 hours
Temperature cycle
1. No mechanical damage
2. Varistor voltage change: within ± 10%
Step 1. –40 ±3
° C for 30± 3min.
Step 2. +85 ±3
° C for 30± 3min.
Number of cycles: 100
Heat load resistance
1. No mechanical damage
2. Varistor voltage change: within ± 10%
Temperature :
+85 ±2
° C
Applied Voltage:
working voltage
Duration:
1,000 hours
Measured after 24 hours at room ambient
temperature
Low temperature
resistance
1. No mechanical damage
2. Varistor voltage change: within ± 10%
Temperature:
-40 ±5
° C
Duration:
1,000 hours
Measured after 24 hours at room ambient
temperature
Humidity resistance
1. No mechanical damage
2. Varistor voltage change: within ± 10%
Temperature:
+40 ±2
° C
Humidity:
90—95%RH
Duration:
500 hours
Measured after 24 hours at room ambient
temperature



Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com