công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6TPE330MIL bảng dữ liệu(PDF) 21 Page - Texas Instruments

tên linh kiện 6TPE330MIL
Giải thích chi tiết về linh kiện  Fixed Frequency, 99% Duty Cycle Peak Current Mode Notebook System Power Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

6TPE330MIL bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button 6TPE330MIL Datasheet HTML 17Page - Texas Instruments 6TPE330MIL Datasheet HTML 18Page - Texas Instruments 6TPE330MIL Datasheet HTML 19Page - Texas Instruments 6TPE330MIL Datasheet HTML 20Page - Texas Instruments 6TPE330MIL Datasheet HTML 21Page - Texas Instruments 6TPE330MIL Datasheet HTML 22Page - Texas Instruments 6TPE330MIL Datasheet HTML 23Page - Texas Instruments 6TPE330MIL Datasheet HTML 24Page - Texas Instruments 6TPE330MIL Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
PWM FREQUENCY CONTROL
5
1 × 10
kHz
=
sw
RF k
f
é
ù
ë
û
é
ù
ë
û
(1)
RF-Resistance-kW
0
200
300
400
500
600
700
800
900
1000
100
200
300
400
500
100
LIGHT LOAD OPERATION
I
LL(DC) + ILL(PEAK) * 0.5
I
IND(RIPPLE)
(2)
IN
OUT
OUT
IND(RIPPLE)
SW
IN
(V
- V
) × V
1
I
=
×
L ×
V
f
(3)
TPS51222
www.ti.com............................................................................................................................................................................................... SLUS908 – JANUARY 2009
The TPS51222 has a fixed frequency control scheme with 180° phase shift. The switching frequency can be
determined by an external resistor which is connected between RF pin and GND, and can be calculated using
Equation 1.
TPS51222 can also synchronize to more than 2.5 V amplitude external clock by applying the signal to the RF
pin. The set timing of channel 1 initiates at the raising edge (1.3 V typ) of the clock and channel 2 initiates at the
falling edge (1.1 V typ). Therefore, the 50% duty signal makes both channels 180° phase shift.
Figure 39. Switching Frequency vs RF
The TPS51222 automatically reduces switching frequency at light load conditions to maintain high efficiency if
Auto Skip or Out-of-Audio™ mode is selected by SKIPSELx. This reduction of frequency is achieved by skipping
pulses. As the output current decreases from heavy load condition, the inductor current is also reduced and
eventually comes to the point that its peak reaches a predetermined current, ILL(PEAK), which indicates the
boundary between heavy-load condditions and light-load conditions. Once the top MOSFET is turned on, the
TPS51222 does not allow it to be turned off until it reaches ILL(PEAK). This eventually causes an overvoltage
condition to the output and pulse skipping. From the next pulse after zero-crossing is detected, ILL(PEAK) is limited
by the ramp-down signal ILL(PEAK)RAMP, which starts from 25% of the overcurrent limit setting (IOCL(PEAK): (see the
Current Protection section) toward 5% of IOCL(PEAK) over one switching cycle to prevent causing large ripple. The
transition load point to the light load operation ILL(DC) can be calculated in Equation 2.
where
• f
SW is the PWM switching frequency which is determined by RF resistor setting or external clock
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :TPS51222



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com