| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASE20X14X3NK bảng dữ liệu(PDF) 6 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
ASE20X14X3NK bảng dữ liệu(HTML) 6 Page - Pentair plc. All rights reserved. |
|
6 / 8 page ![]() Type 1 Boxes and enclosures Screw-cover Type 1 pull BoxeS and acceSSorieS Spec-00258 I PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION conTracTor 6 FlusH-MounT door FraMes Use in Screw-Cover Pull Box telephone cabinet installations or in communication wiring and signal systems. Also as a junction or pull box and switch enclosure. • Continuous hinge • rugged black composite slide latch • Optional tamper-resistant lock kit includes cylinder lock, tamper-resistant screws and special driver bit. • Lock Kit: ACLFDF • 14 gauge steel door frame has ANSI 61 gray polyester powder paint finish BulletIn: A90p1 Standard Product Catalog Number Frame Size A x B in./mm Door Size T in./mm Door Size S in./mm Fits Box Size A x B in./mm G in./mm H in./mm J in./mm K in./mm L in./mm AFDF0606P 8.00 x 8.00 203 x 203 3.00 76 3.00 76 6.00 x 6.00 152 x 152 1.28 32 5.44 138 N/A N/A 4.00 102 N/A N/A AFDF1212P 14.00 x 14.00 356 x 356 9.00 229 9.00 229 12.00 x 12.00 305 x 305 1.28 32 11.44 291 2.84 72 7.00 178 8.31 211 AFDF1812P 20.00 x 14.00 508 x 356 15.00 381 9.00 229 18.00 x 12.00 457 x 305 1.28 32 11.44 291 2.84 72 10.00 254 14.31 364 AFDF1818P 20.00 x 20.00 508 x 508 15.00 381 15.00 381 18.00 x 18.00 457 x 457 1.28 32 17.44 443 2.84 72 10.00 254 14.31 364 AFDF2418P 26.00 x 20.00 660 x 508 21.00 533 15.00 381 24.00 x 18.00 610 x 457 1.28 32 17.44 443 2.84 72 13.00 330 20.31 516 AFDF2424P 26.00 x 26.00 660 x 660 21.00 533 21.00 533 24.00 x 24.00 610 x 610 1.30 33 23.41 595 2.84 72 13.00 330 20.31 516 AFDF3024P 32.00 x 26.00 813 x 660 27.00 686 21.00 533 30.00 x 24.00 762 x 610 1.30 33 23.41 595 2.84 72 16.00 406 26.31 668 |