| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASE20X14X3NK bảng dữ liệu(PDF) 5 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
ASE20X14X3NK bảng dữ liệu(HTML) 5 Page - Pentair plc. All rights reserved. |
|
5 / 8 page ![]() Type 1 Boxes and enclosures Screw-cover Type 1 pull BoxeS and acceSSorieS Spec-00258 I EQUIPMENT PROTECTION SUBJECT TO CHANGE WITHOUT NOTICE conTracTor 5 FlusH covers Designed to mount on enclosure for flush installations. Cover is 16 or 14 gauge steel finished with ANSI 61 gray polyester powder paint. BulletIn: A90p1 Standard Product Catalog Number H in./mm W in./mm Fits Box Size A x B in./mm F in./mm G in./mm J in./mm L in./mm Cover Gauge AFE6X6 7.50 191 7.50 191 6.00 x 6.00 152 x 152 5.44 138 1.03 26 3.75 95 — — 16 AFE8X6 9.50 241 7.50 191 8.00 x 6.00 203 x 152 5.44 138 1.03 26 4.75 121 — — 16 AFE8X8 9.50 241 9.50 241 8.00 x 8.00 203 x 203 7.44 189 1.03 26 2.77 70 4.31 109 16 AFE10X8 11.50 292 9.50 241 10.00 x 8.00 254 x 203 7.44 189 1.03 26 2.77 70 6.31 160 16 AFE10X10 11.50 292 11.50 292 10.00 x 10.00 254 x 254 9.44 240 1.03 26 2.77 70 6.31 160 16 AFE12X8 13.50 343 9.50 241 12.00 x 8.00 305 x 203 7.44 189 1.03 26 2.77 70 8.31 211 16 AFE12X12 13.50 343 13.50 343 12.00 x 12.00 305 x 305 11.44 291 1.03 26 2.77 70 8.31 211 16 AFE18X12 19.50 495 13.50 343 18.00 x 12.00 457 x 305 11.44 291 1.03 26 2.77 70 14.31 363 16 AFE18X18 19.50 495 19.50 495 18.00 x 18.00 457 x 457 17.44 443 1.03 26 2.77 70 14.31 363 16 AFE24X18 25.50 648 19.50 495 24.00 x 18.00 610 x 457 17.41 442 1.05 27 2.77 70 20.31 516 14 AFE24X24 25.50 648 25.50 648 24.00 x 24.00 610 x 610 23.41 595 1.05 27 2.77 70 20.31 516 14 |