công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D19FVT69B bảng dữ liệu(PDF) 6 Page - Pentair plc. All rights reserved.

tên linh kiện D19FVT69B
Giải thích chi tiết về linh kiện  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PENTAIR [Pentair plc. All rights reserved.]
Trang chủ  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

D19FVT69B bảng dữ liệu(HTML) 6 Page - Pentair plc. All rights reserved.

Back Button D19FVT69B Datasheet HTML 2Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 3Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 4Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 5Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 6Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 7Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 8Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 9Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 10Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For rackS and cabinetS
Spec-00035 S
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
acceSSorieS
6
Tool-leSS ShelF
An easy-to-install tool-less vented 19-in. shelf. Mounts onto
rack angles that have EIA-spaced square holes (.375 in.). Shelf
slides open and provides a variable-sized, continuous surface
for equipment. Back of shelf has oval cutouts for power and data
cables. Accessory hole patterns at back of shelf fit small and large
D-rings to help manage cable. Made of steel with a 150 lb. (68 kg)
static load rating. Available with RAL 9005 black or RAL 7035 gray
polyester powder coat finish.
note: For square-hole rack angles only!
Bulletin: DAccY
Catalog Number Description
Finish
Minimum
Depth
mm/in.
Maximum
Depth
mm/in.
Rack Angle Type
D19FVT69B
Shelf, vented, 19 in. tool-less Black
495
19.50
851
33.50
Square hole only
D19FVT69G
Shelf, vented, 19 in. tool-less Gray
495
19.50
851
33.50
Square hole only
D19FVT912B
Shelf, vented, 19 in. tool-less Black
792
31.20
1151
45.30
Square hole only
D19FVT912G
Shelf, vented, 19 in. tool-less Gray
792
31.20
1151
45.30
Square hole only
Minimum and maximum depth measured from rack angle to rack angle.
racK-mounT adjuSTable ShelF
Mounts to front surface of front
and back rack angles. Shelf is
made of painted 14 gauge steel and
the adjustable support brackets
are clear-plated 12 gauge steel.
Adjustable to fit multiple-depth
enclosures or rack angle placement.
Both solid and vented models
available. Fits 19- or 23-in. rack
spacing. Requires only 1U of rack
space. Shelf has RAL 7035 light-gray
textured or RAL 9005 black textured
polyester powder paint finish.
Load rating: 150 lb. (68 kg)
Bulletin: DAccY
Catalog Number
Type
Size
Finish
L x W (in.)
L x W (mm)
D max. (in.)
D max. (mm)
Fits Enclosure
Depth Up To (in.)
Fits Enclosure
Depth Up To (mm)
P19SH68
Solid
19 in.
Gray
19.68 x 17.32
500 x 440
30.71
780
31.50
800
P19SH68B
Solid
19 in.
Black
19.68 x 17.32
500 x 440
30.71
780
31.50
800
P19VSH68B
Vented
19 in.
Black
19.68 x 17.32
500 x 440
30.71
780
31.50
800
P19SH810
Solid
19 in.
Gray
27.56 x 17.32
700 x 440
38.58
980
39.37
1000
P19SH810B
Solid
19 in.
Black
27.56 x 17.32
700 x 440
38.58
980
39.37
1000
P19VSH810B
Vented
19 in.
Black
27.56 x 17.32
700 x 440
38.58
980
39.37
1000
P23SH68B
Solid
23 in.
Black
19.68 x 21.32
500 x 542
30.71
780
31.50
800
P23VSH68B
Vented
23 in.
Black
19.68 x 21.32
500 x 542
30.71
780
31.50
800
P23SH810B
Solid
23 in.
Black
27.56 x 21.32
700 x 542
38.58
980
39.37
1000
P23VSH810B
Vented
23 in.
Black
27.56 x 21.32
700 x 542
38.58
980
39.37
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com