công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

D19FVT69B bảng dữ liệu(PDF) 5 Page - Pentair plc. All rights reserved.

tên linh kiện D19FVT69B
Giải thích chi tiết về linh kiện  Shelves, Keyboard Trays and Gland Plates
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PENTAIR [Pentair plc. All rights reserved.]
Trang chủ  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

D19FVT69B bảng dữ liệu(HTML) 5 Page - Pentair plc. All rights reserved.

  D19FVT69B Datasheet HTML 1Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 2Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 3Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 4Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 5Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 6Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 7Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 8Page - Pentair plc. All rights reserved. D19FVT69B Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For rackS and cabinetS
Spec-00035 S
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
acceSSorieS
5
PivoTinG Keyboard ShelF wiTh mouSe Tray
Mounts either in a cabinet or on a 19-in. open-frame rack. Shelf
pulls out and pivots 90 degrees to access full-size keyboard.
Shelf allows keyboard to slide between standard rack angles and
includes mouse tray. 16 gauge steel with RAL 9005 black polyester
powder paint finish. Keyboard tray extends 9.75 in. (248 mm) beyond
front of rack angles or open-frame rack.
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
P19KBPVT
3.50 x 18.89 x 19.25
89 x 480 x 489
19 in.
2
STeel Keyboard/moniTor ShelF
Designed to accommodate a monitor and keyboard in an
ergonomically engineered design. Shelf mounts to front flange of
open-frame rack. Can mount in a cabinet if rack angles are adjusted
back for door clearance. Uses 3U of rack space. 19-in. and 23-in.
rack versions. Steel with textured black finish.
Load rating: 200 lb. (91 kg)
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
ESH19KBM
5.25 x 17.38 x 15.10
133 x 441 x 384
19
3
ESH23KBM
5.25 x 21.38 x 15.10
133 x 543 x 384
23
3
Pull-ouT ShelF For mini Keyboard
Pull-Out Shelf for Mini Keyboard mounts either in a cabinet or on a
19-in. open-frame rack and fits a 16.25-in. (413-mm) wide keyboard.
When closed, all parts slide between rack angles. Keyboard tray
slides out 8.94 in. (227 mm). 16 gauge steel with RAL 9005 black
polyester powder paint finish.
Bulletin: DAccY
Catalog Number
H x W x D
in./mm
Fits Rack
Rack Units
P19KBSM
3.50 x 18.31 x 12.42
89 x 465 x 315
19 in.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com