| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PYF14ESSB bảng dữ liệu(PDF) 24 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14ESSB bảng dữ liệu(HTML) 24 Page - Omron Electronics LLC |
|
24 / 31 page ![]() Products Related to Common Sockets and DIN Tracks 24 PFA (Unit: mm) Dimensions Terminal Arrangement/ Internal Connections Mounting Hole Dimensions 118 max. 51 max. 24 max. 40±0.2 81 max. 4 35.4 4 4 5 Two, 4.5 dia. holes 7.8±0.2 8-M3.5×7 8PFA 6 5 4 3 7 8 1 2 (Top View) 40±0.2 Two M4 or 4.5-dia. holes Note: Track mounting is also possible. Refer to page 27. 8-M3.5×7 93 max. 7.8±0.2 130 max. 35.4 5 Two, 4.5 dia. holes 4 4 24 max. 51 max. 40±0.2 4 8PFA1 40±0.2 81 max. 11-M3.5×7 4 7.8±0.2 Two, 4.5 dia. holes 35.4 4 4 5 118 max. 51 max. 33.5 max. 11PFA 8 7 6 5 10 11 1 2 9 4 3 (Top View) 40±0.2 Two M4 or 4.5-dia. holes Note: Track mounting is also possible. Refer to page 27. 60±0.2 Two, 4.5 dia. holes 4 4 5 33.5 max. 35.4 118 max. 7.8±0.2 14-M3.5×7 72 max. 81 max. 4 14PFA 7 14 6 4 3 5 12 8 15 1 2 9 10 11 (Top View) 60±0.2 Two, 4.5 dia. or M4 mounting holes Note: Track mounting is also possible. Refer to page 27. |