| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PYF14ESSB bảng dữ liệu(PDF) 21 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PYF14ESSB bảng dữ liệu(HTML) 21 Page - Omron Electronics LLC |
|
21 / 31 page ![]() 21 Products Related to Common Sockets and DIN Tracks P7SA (Unit: mm) Dimensions Terminal Arrangement/Internal Connections Mounting Hole Dimensions 22.5 max. R2 10-M 3× 8 9 max. 5 9 max. 60.5 max. 72 max. Indicator LED 4 dia. P7SA-10F P7SA-10F-ND Note: 1. The Socket is shown with the finger cover removed. 2. Only the -ND Sockets have LED indicators (orange). 44 33 34 43 24 23 12 11 1 0 11 1 0 44 33 34 43 22 21 12 ** G7SA-3A1B Mounted G7SA-2A2B Mounted * This display circuit is available only for "-ND" models. Note: Terminals 23-24, 33-34, and 43-44 are normally open. Terminals 11-12 and 21-22 are normally closed. 80±0.2 14.5±0.2 Two, 4 dia. or M3.5 (Top View) 30 max. 9 max. 9 max. 5 60.5 max. 72 max. 4 dia. R2 14-M3×8 Indicator LED P7SA-14F P7SA-14F-ND Note: 1. The Socket is shown with the finger cover removed. 2. Only the -ND Sockets have LED indicators (orange). 64 63 44 43 24 23 1 0 11 12 33 34 53 54 64 63 44 43 22 21 1 0 11 12 33 34 53 54 64 63 44 43 22 21 1 0 11 12 31 32 53 54 *** G7SA-5A1B Mounted G7SA-4A2B Mounted G7SA-3A3B Mounted * This display circuit is available only for "-ND" models. Note: Terminals 23-24, 33-34, 43-44, 53-54, and 63-64 are normally open. Terminals 11-12, 21-22, and 31-32 are normally closed. 80±0.2 22±0.2 Two, 4 dia. or M3.5 (Top View) 50 max. 0.5 0.5 15 max. 41.5 max. 3.5 (11.1) 0.4 (11.1) Three, 2.6 dia. (for M3 tapping screws) 24.8 4.1 39.9 0.8 P7SA-10P 34 43 33 44 24 23 12 11 1 0 − + 34 43 33 44 22 21 12 11 1 0 − + G7SA-3A1B Mounted G7SA-2A2B Mounted (Bottom View) Note: Terminals 23-24, 33-34, and 43-44 are normally open. Terminals 11-12 and 21- 22 are normally closed. 24.8±0.2 39.9±0.2 Three, 3.2 dia. (for M3 tapping screws) (7.14) 13.97 11.43 4.1±0.2 5.08 5.08 Ten, 1.1 dia. holes 10.16 (Bottom View) (±0.1 tolerance) 60 max. 0.5 0.5 15 max. 41.5 max. 3.5 (11.1) 0.4 Three, 2.6 dia. (for M3 tapping screws) 49.9 0.8 24.8 4.1 (11.1) P7SA-14P 54 64 63 53 34 43 33 44 24 23 12 11 1 0 − + 54 64 63 53 34 43 33 44 22 21 12 11 1 0 − + 54 64 63 53 32 43 31 44 22 21 12 11 1 0 − + G7SA-5A1B Mounted G7SA-4A2B Mounted G7SA-3A3B Mounted (Bottom View) Note: Terminals 23-24, 33-34, 43-44, 53-54, and 63- 64 are normally open. Terminals 11-12, 21-22, and 31-32 are normally closed. 24.8±0.2 49.9±0.2 (7.14) 13.97 5.08 5.08 4.1±0.2 5.08 5.08 10.16 Three, 3.2 dia. (for M3 tapping screws) 11.43 Fourteen, 1.1 dia. holes (Bottom View) (±0.1 tolerance) |