| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T0931003003 bảng dữ liệu(PDF) 6 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
T0931003003 bảng dữ liệu(HTML) 6 Page - TE Connectivity Ltd |
|
6 / 70 page ![]() INDUSTRIAL /// HEAVY DUTY CONNECTORS 6 TE Connectivity‘s Heavy Duty Connectors HDC Application Introduction TE Provides flexibility, convenience and high density solution in Robotics application to enable automation with minimal space. • HMN series — Modular design — Easy for interface configuration — Integrated solution to transmit power, signal, and data • HDD/HEEE/HQ series — High density solution — Space saving with compact design • EMC Version Hoods and Housings — 360° EMI Protection TE provides complete portfolio solution that can easily satisfy the various connection and space requirement in machinery application. • HMN — Modular design — Easy for interface configuration — Integrated solution to transmit power, signal, and data • HE/HA/HD Series — Wide range of different versions regarding Pin quantities, connector size, capability for current and voltage requirements — Wide range of contacts available with different plating — Hoods and Housings with Coating or EMC protection to fit various solutions requirements ROBOTICS MACHINERY TE Heavy Duty Connectors – Applications |