| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T0931003003 bảng dữ liệu(PDF) 41 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
T0931003003 bảng dữ liệu(HTML) 41 Page - TE Connectivity Ltd |
|
41 / 70 page ![]() INDUSTRIAL /// HEAVY DUTY CONNECTORS 41 TE Connectivity‘s Heavy Duty Connectors Hoods and Housings IP65 H3A Hoods and Housings H3A INCLUDE METAL AND PLASTIC SHELLS. LEVERS INCLUDE METAL, PLASTIC AND STAINLESS STEEL. H3A metal Hoods and Housings Product Image Metr. PG PN Thermoplastic Hoods and Housings Product Image Metr. PG Type PN Top Entry PG11 T1329030111-000 Top Entry PG11 H3A-TG-PG11 T1329031111-000 M20 T1329030120-000 M20 H3A-TG-M20 T1329031120-000 Side Entry PG11 T1319030111-000 Side Entry PG11 H3A-TS-PG11 T1319031111-000 M20 T1319030120-000 M20 H3A-TS-M20 T1319031120-000 Bulkhead Mouting- Bottom Entry - T1509030000-000 Bulkhead Mouting-Bottom Entry - H3A-AG T1509031100-000 Bulkhead Mouting-Side Entry - T1549030000-000 Bulkhead Mouting-Side Entry - H3A-AGS T1509031111-000 Surface Mounting-Side Entry PG11 T1619030111-000 Surface Mounting-Side Entry PG11 H3A-AGSV-PG11 T1619031111-000 M16 T1619030116-000 M16 H3A-AGSV-M16 T1619031116-000 M20 T1619030120-000 M20 H3A-AGSV-M20 T1619031120-000 Cable-to-Cable Hoods PG11 T1739030111-000 Cable-to-Cable Hood PG11 H3A-TGVB-PG11 T1739032111-000 M20 T1739030120-000 M20 H3A-TGVB-M20 T1739032120-000 Protection covers for hoods (Thermoplastic) Note: For mounted male insert and hood T1010034100-000 Protection covers for Hous- ings Note: For mounted male insert and hood H3A-KDBP (THERMOPLASTIC) T1010034100-000 H3A-KDBM (Metal) T1010033100-000 |