công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS767D301MPWPREP.A bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện TPS767D301MPWPREP.A
Giải thích chi tiết về linh kiện  DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TPS767D301MPWPREP.A bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button TPS767D301MPWPREP.A Datasheet HTML 10Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 11Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 12Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 13Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 14Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 15Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 16Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 17Page - Texas Instruments TPS767D301MPWPREP.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
P
D(max) +
T
J
max * TA
R
q
JA
where:
TJmax is the maximum allowable junction temperature
TA is the ambient temperature.
RθJA is the thermal resistance junction-to-ambient for the package, i.e., 27.9°C/W for the 28-terminal
PWP with no airflow.
P
D +
V
I *
V
O
I
O
TPS767D301-EP
SGLS327A – FEBRUARY 2006 – REVISED APRIL 2010
www.ti.com
Regulator Protection
The TPS767D301-EP PMOS-pass transistor has a built-in back-gate diode that safely conducts reverse currents
when the input voltage drops below the output voltage (e.g., during power down). Current is conducted from the
output to the input and is not internally limited. When extended reverse voltage is anticipated, external limiting
may be appropriate.
The TPS767D301-EP also features internal current limiting and thermal protection. During normal operation, the
TPS767D301-EP limits output current to approximately 1.7 A. When current limiting engages, the output voltage
scales back linearly until the overcurrent condition ends. While current limiting is designed to prevent gross
device failure, care should be taken not to exceed the power dissipation ratings of the package. If the
temperature of the device exceeds 150°C (typ), thermal-protection circuitry shuts it down. Once the device has
cooled below 130°C (typ), regulator operation resumes.
Power Dissipation and Junction Temperature
Specified regulator operation is assured to a junction temperature of 125°C; the maximum junction temperature
should be restricted to 125°C under normal operating conditions. This restriction limits the power dissipation the
regulator can handle in any given application. To ensure the junction temperature is within acceptable limits,
calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which must be less than or
equal to PD(max).
The maximum power dissipation limit is determined using the following equation:
(3)
The regulator dissipation is calculated using:
(4)
Power dissipation resulting from quiescent current is negligible. Excessive power dissipation triggers the thermal
protection circuit.
14
Submit Documentation Feedback
Copyright © 2006–2010, Texas Instruments Incorporated
Product Folder Link(s): TPS767D301-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com