công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC33 bảng dữ liệu(PDF) 46 Page - Texas Instruments

tên linh kiện TMS320VC33
Giải thích chi tiết về linh kiện  DIGITAL SIGNAL PROCESSOR
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320VC33 bảng dữ liệu(HTML) 46 Page - Texas Instruments

Back Button TMS320VC33 Datasheet HTML 42Page - Texas Instruments TMS320VC33 Datasheet HTML 43Page - Texas Instruments TMS320VC33 Datasheet HTML 44Page - Texas Instruments TMS320VC33 Datasheet HTML 45Page - Texas Instruments TMS320VC33 Datasheet HTML 46Page - Texas Instruments TMS320VC33 Datasheet HTML 47Page - Texas Instruments TMS320VC33 Datasheet HTML 48Page - Texas Instruments TMS320VC33 Datasheet HTML 49Page - Texas Instruments TMS320VC33 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
TMS320VC33
DIGITAL SIGNAL PROCESSOR
SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251--1443
data-rate timing modes
Unless otherwise indicated, the data-rate timings shown in Figure 31 and Figure 32 are valid for all serial-port
modes, including handshake. For a functional description of serial-port operation, see the TMS320C3x User’s
Guide (literature number SPRU031).
tsu(FSX--CLKX)
td(CLKX--FSX)
FSX(EXT)
FSX(INT)
FSR
DR
DX
CLKX/R
H1
Bit 0
Bit n-1
Bit n-2
Bit n-1
Bit n-2
td(H1H-SCK)
td(H1H-SCK)
tc(SCK)
tw(SCK)
tw(SCK)
tr(SCK)
tf(SCK)
td(CLKX--DX)
tsu(DR--CLKRL)
th(CLKRL--DR)
td(CLKX--FSX)
tsu(FSR--CLKRL)
th(SCKL--FS)
th(SCKL--FS)
td(CLKX--DX)V
tdis(CLKX--DXZ)
NOTES: A. Timing diagrams show operations with CLKXP = CLKRP = FSXP = FSRP = 0.
B. Timing diagrams depend on the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively.
Figure 31. Fixed Data-Rate Mode Timing
CLKX/R
FSX(INT)
FSX(EXT)
DX
FSR
DR
Bit 0
Bit n-2
Bit n-3
Bit n-2
Bit n-3
Bit n-1
Bit n-1
td(CLKX--FSX)
td(FSX--DX)V
tsu(FSX--CLKX)
tsu(DR--CLKRL)
td(CLKX--DX)
th(CLKRL-DR)
th(SCKL-FS)
tsu(FSR-CLKRL)
td(CLKX-DX)V
tdis(CLKX-DXZ)
NOTES: A. Timing diagrams show operation with CLKXP = CLKRP = FSXP = FSRP = 0.
B. Timing diagrams depend on the length of the serial-port word, where n = 8, 16, 24, or 32 bits, respectively.
C. The timings that are not specified expressly for the variable data-rate mode are the same as those that are specified for the fixed
data-rate mode.
Figure 32. Variable Data-Rate Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com