công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PDTC124X bảng dữ liệu(PDF) 15 Page - Nexperia B.V. All rights reserved

tên linh kiện PDTC124X
Giải thích chi tiết về linh kiện  50 V, 100 mA NPN resistor-equipped transistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEXPERIA [Nexperia B.V. All rights reserved]
Trang chủ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124X bảng dữ liệu(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button PDTC124X Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 17Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 18Page - Nexperia B.V. All rights reserved PDTC124X Datasheet HTML 19Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Nexperia
PDTC143X/123J/143Z/114Y/124XQB-Q
series
50 V, 100 mA NPN resistor-equipped transistors
11. Test information
Resistor calculation
• Calculation of bias resistor 1 (R1)
• Calculation of bias resistor ratio (R2/R1)
R1
R2
GND
II1; II2
n.c.
II3; II4
aaa-020082
Fig. 35. Resistor test circuit
Resistor test conditions
Table 9. Resistor test conditions
Test conditions
Type number
R1 (kΩ)
R2 (kΩ)
II1
II2
II3
II4
PDTC143XQB-Q
4.7
10
350 μA
450 μA
-350 μA
-450 μA
PDTC123JQB-Q
2.2
47
90 μA
140 μA
-55 μA
-105 μA
PDTC143ZQB-Q
4.7
47
90 μA
140 μA
-55 μA
-105 μA
PDTC114YQB-Q
10
47
90 μA
140 μA
-55 μA
-105 μA
PDTC124XQB-Q
22
47
55 μA
105 μA
-55 μA
-105 μA
11.1. Quality information
This product has been qualified in accordance with the Automotive Electronics Council (AEC)
standard Q101 - Stress test qualification for discrete semiconductors, and is suitable for use in
automotive applications.
PDTC143X_TO_124XQB-Q_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 1 October 2021
15 / 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com