công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCA8418EYFPR bảng dữ liệu(PDF) 30 Page - Texas Instruments

tên linh kiện TCA8418EYFPR
Giải thích chi tiết về linh kiện  TCA8418E I2C Controlled Keypad Scan IC With Integrated ESD Protection
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TCA8418EYFPR bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button TCA8418EYFPR Datasheet HTML 26Page - Texas Instruments TCA8418EYFPR Datasheet HTML 27Page - Texas Instruments TCA8418EYFPR Datasheet HTML 28Page - Texas Instruments TCA8418EYFPR Datasheet HTML 29Page - Texas Instruments TCA8418EYFPR Datasheet HTML 30Page - Texas Instruments TCA8418EYFPR Datasheet HTML 31Page - Texas Instruments TCA8418EYFPR Datasheet HTML 32Page - Texas Instruments TCA8418EYFPR Datasheet HTML 33Page - Texas Instruments TCA8418EYFPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
TCA8418E
SCPS222C – MAY 2010 – REVISED OCTOBER 2015
www.ti.com
Table 11. Interrupt Status Register Field Descriptions (continued)
BIT
NAME
DESCRIPTION
Overflow interrupt status. Requires writing a 1 to clear interrupts.
3
OVR_FLOW_INT
0 = interrupt not detected
1 = interrupt detected
Keypad lock interrupt status. This is the interrupt to the processor when the keypad lock
sequence is started. Requires writing a 1 to clear interrupts.
2
K_LCK_INT
0 = interrupt not detected
1 = interrupt detected
GPI interrupt status. Requires writing a 1 to clear interrupts.
0 = interrupt not detected
1
GPI_INT
1 = interrupt detected
Can be used to mask interrupts
Key events interrupt status. Requires writing a 1 to clear interrupts.
0
K_INT
0 = interrupt not detected
1 = interrupt detected
The INT_STAT register is used to check which type of interrupt has been triggered. If the corresponding interrupt
enable bits are set in the Configuration Register, then a value of 1 in the corresponding bit will assert the INT line
low. An exception to this is the CAD_INT bit, which will assert the CAD_INT pin on YFP packages.
A read to this register will return which types of events have occurred. Writing a 1 to the bit will clear the
interrupt, unless there is still data which has set the Interrupt (unread keys in the FIFO).
8.6.2.3 Key Lock and Event Counter Register, KEY_LCK_EC (Address 0x03)
Table 12. Key Lock and Event Counter Register Field Descriptions
BIT
NAME
DESCRIPTION
7
N/A
Always 0
Key lock enable
6
K_LCK_EN
0 = disabled; Write a 0 to this bit to unlock the keypad manually
1 = enabled; Write a 1 to this bit to lock the keypad
Keypad lock status
5
LCK2
0 = unlock (if LCK1 is 0 too)
1 = locked (if LCK1 is 1 too)
Keypad lock status
4
LCK1
0 = unlock (if LCK2 is 0 too)
1 = locked (if LCK2 is 1 too)
3
KEC3
Key event count, Bit 3
2
KEC2
Key event count, Bit 2
1
KEC1
Key event count, Bit 1
0
KEC0
Key event count, Bit 0
30
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TCA8418E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com